Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62006DGSRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS62006DGSRG4
Description  TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62006DGSRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62006DGSRG4 Datasheet HTML 2Page - Texas Instruments TPS62006DGSRG4 Datasheet HTML 3Page - Texas Instruments TPS62006DGSRG4 Datasheet HTML 4Page - Texas Instruments TPS62006DGSRG4 Datasheet HTML 5Page - Texas Instruments TPS62006DGSRG4 Datasheet HTML 6Page - Texas Instruments TPS62006DGSRG4 Datasheet HTML 7Page - Texas Instruments TPS62006DGSRG4 Datasheet HTML 8Page - Texas Instruments TPS62006DGSRG4 Datasheet HTML 9Page - Texas Instruments TPS62006DGSRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TPS62000, TPS62001, TPS62002, TPS62003
TPS62004, TPS62005, TPS62006, TPS62007, TPS62008
SLVS294F – SEPTEMBER 2000 – REVISED AUGUST 2015
www.ti.com
Electrical Characteristics (continued)
Over recommended operating free-air temperature range, VIN = 3.6 V, VOUT = 2.5 V, IOUT = 300 mA, EN = VIN, ILIM = VIN, TA =
–40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN = 2.5 V to 5.5 V; 0 mA ≤ IOUT ≤ 600
–3%
4%
TPS62000
mA
adjustable
10 mA < IOUT ≤ 600 mA
–3%
3%
VIN = 2.5 V to 5.5 V; 0 mA ≤ IOUT ≤ 600
–3%
4%
TPS62001 0.9
mA
V
10 mA < IOUT ≤ 600 mA
–3%
3%
VIN = 2.5 V to 5.5 V; 0 mA ≤ IOUT ≤ 600
–3%
4%
TPS62002
mA
1 V
10 mA < IOUT ≤ 600 mA
–3%
3%
VIN = 2.5 V to 5.5 V; 0 mA ≤ IOUT ≤ 600
–3%
4%
TPS62003
mA
1.2 V
10 mA < IOUT ≤ 600 mA
–3%
3%
VIN = 2.5 V to 5.5 V; 0 mA ≤ IOUT ≤ 600
–3%
4%
TPS62004
mA
VOUT
Fixed output voltage
V
1.5 V
10 mA < IOUT ≤ 600 mA
–3%
3%
VIN = 2.5 V to 5.5 V; 0 mA ≤ IOUT ≤ 600
–3%
4%
TPS62005
mA
1.8 V
10 mA < IOUT ≤ 600 mA
–3%
3%
VIN = 2.5 V to 5.5 V; 0 mA ≤ IOUT ≤ 600
–3%
4%
TPS62008
mA
1.9 V
10 mA < IOUT ≤ 600 mA
–3%
3%
VIN = 2.7 V to 5.5 V; 0 mA ≤ IOUT ≤ 600
–3%
4%
TPS62006
mA
2.5 V
10 mA < IOUT ≤ 600 mA
–3%
3%
VIN = 3.6 V to 5.5 V; 0 mA ≤ IOUT ≤ 600
–3%
4%
TPS62007
mA
3.3 V
10 mA < IOUT ≤ 600 mA
–3%
3%
Line regulation
VIN = VOUT + 0.5 V (min. 2 V) to 5.5 V,
0.05
%/V
IOUT = 10 mA
Load regulation
VIN = 5.5 V; IOUT = 10 mA to 600 mA
0.6%
VIN = 5 V; VOUT = 3.3 V; IOUT = 300 mA
η
Efficiency
95%
VIN = 3.6 V; VOUT = 2.5 V; IOUT = 200 mA
Start-up time
IOUT = 0 mA, time from active EN to VOUT
0.4
2
ms
6
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: TPS62000 TPS62001 TPS62002 TPS62003 TPS62004 TPS62005 TPS62006 TPS62007
TPS62008


Similar Part No. - TPS62006DGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62006DGSRG4 TI-TPS62006DGSRG4 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
More results

Similar Description - TPS62006DGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62007 TI-TPS62007 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000-Q1 TI1-TPS62000-Q1_16 Datasheet
953Kb / 26P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com