Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62007DGSG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS62007DGSG4
Description  TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62007DGSG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS62007DGSG4 Datasheet HTML 1Page - Texas Instruments TPS62007DGSG4 Datasheet HTML 2Page - Texas Instruments TPS62007DGSG4 Datasheet HTML 3Page - Texas Instruments TPS62007DGSG4 Datasheet HTML 4Page - Texas Instruments TPS62007DGSG4 Datasheet HTML 5Page - Texas Instruments TPS62007DGSG4 Datasheet HTML 6Page - Texas Instruments TPS62007DGSG4 Datasheet HTML 7Page - Texas Instruments TPS62007DGSG4 Datasheet HTML 8Page - Texas Instruments TPS62007DGSG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
2
3
4
5
10
9
8
7
6
VIN
FC
GND
PG
FB
PGND
L
EN
SYNC
ILIM
TPS62000, TPS62001, TPS62002, TPS62003
TPS62004, TPS62005, TPS62006, TPS62007, TPS62008
www.ti.com
SLVS294F – SEPTEMBER 2000 – REVISED AUGUST 2015
5 Device Comparison Table
PACKAGE(1)
MARKING
VOLTAGE OPTIONS
VSSOP
DGS
Adjustable
TPS62000DGS
AIH
0.9 V
TPS62001DGS
AII
1 V
TPS62002DGS
AIJ
1.2 V
TPS62003DGS
AIK
1.5 V
TPS62004DGS
AIL
1.8 V
TPS62005DGS
AIM
1.9 V
TPS62008DGS
AJI
2.5 V
TPS62006DGS
AIN
3.3 V
TPS62007DGS
AIO
(1)
For shipment quantities and additional package information see Mechanical, Packaging, and Orderable Information
6 Pin Configuration and Functions
DGS Package
10-Pin VSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Enable. A logic high enables the converter, logic low forces the device into shutdown mode reducing the
EN
8
I
supply current to less than 1
μA.
Feedback pin for the fixed output voltage option. For the adjustable version an external resistive divider is
FB
5
I
connected to FB. The internal voltage divider is disabled for the adjustable version.
Supply bypass pin. A 0.1-
μF coupling capacitor should be connected as close as possible to this pin for
FC
2
good high frequency input voltage supply filtering.
GND
3
Ground
Switch current limit. Connect ILIM to GND to set the switch current limit to typically 600 mA, or connect this
ILIM
6
I
pin to VIN to set the current limit to typically 1200 mA.
L
9
I/O
Connect the inductor to this pin. L is the switch pin connected to the drain of the internal power MOSFETS.
Power good comparator output. This is an open-drain output. A pull-up resistor should be connected
PG
4
O
between PG and VOUT. The output goes active high when the output voltage is greater than 92% of the
nominal value.
PGND
10
Power ground. Connect all power grounds to PGND.
Input for synchronization to external clock signal. Synchronizes the converter switching frequency to an
external clock signal with CMOS level:
SYNC
7
I
SYNC = High: Low-noise mode enabled, fixed frequency PWM operation is forced
SYNC = Low (GND): Power save mode enabled, PFM/PWM mode enabled
VIN
1
I
Supply voltage input
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS62000 TPS62001 TPS62002 TPS62003 TPS62004 TPS62005 TPS62006 TPS62007
TPS62008


Similar Part No. - TPS62007DGSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62007DGSG4 TI-TPS62007DGSG4 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
More results

Similar Description - TPS62007DGSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62007 TI-TPS62007 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000-Q1 TI1-TPS62000-Q1_16 Datasheet
953Kb / 26P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com