Electronic Components Datasheet Search |
|
TPS62110-EP Datasheet(PDF) 3 Page - Texas Instruments |
|
TPS62110-EP Datasheet(HTML) 3 Page - Texas Instruments |
3 / 25 page ABSOLUTE MAXIMUM RATINGS (1) DISSIPATION RATINGS (1) RECOMMENDED OPERATING CONDITIONS TPS62110-EP TPS62111-EP TPS62112-EP www.ti.com .............................................................................................................................................................. SLVS630C – APRIL 2007 – REVISED MAY 2008 This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic fields. These circuits have been qualified to protect this device against electrostatic discharges; HBM according to EIA/JESD22-A114-B, MM according EIA/JESD22-A115-A, and CDM according EIA/JESD22C101C; however, it is advised that precautions be taken to avoid application of any voltage higher than maximum-rated voltages to these high-impedance circuits. During storage or handling the device leads should be shorted together or the device should be placed in conductive foam. In a circuit, unused inputs should always be connected to an appropriate logic voltage level, preferably either VCC or ground. Specific guidelines for handling devices of this type are contained in the publication Guidelines for Handling Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments. ORDERING INFORMATION(1) TA PLASTIC QFN OUTPUT LBI/LBO MARKING 16 PIN (RSA) (2)(3) VOLTAGE FUNCTIONALITY TPS62110MRSAREP Adjustable Standard TPS62110-EP 1.2 V to 16 V –55°C to 125°C TPS62111MRSAREP 3.3 V Standard TPS62111-EP TPS62112MRSAREP 5 V Standard TPS62112-EP (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (3) The RSA package is available in tape and reel. Add R suffix (TPS62110RSAR) to order quantities of 3000 parts per reel. Add T suffix (TPS62110RSAT) to order quantities of 250 parts per reel over operating free-air temperature range (unless otherwise noted) UNIT VCC Supply voltage at VIN, VINA –0.3 V to 20 V Voltage at SW –0.3 V to VI VI Voltage at EN, SYNC, LBO, PG –0.3 V to 20 V Voltage at LBI, FB –0.3 V to 7 V IO Output current at SW 2400 mA TJ Maximum junction temperature 150°C Tstg Storage temperature –65°C to 150°C Lead temperature 1,6 mm (1/16-inch) from case for 10 seconds 300°C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. TA ≤ 25°C DERATING FACTOR TA = 70°C TA = 85°C PACKAGE POWER RATING ABOVE TA = 25°C POWER RATING POWER RATING RSA 2.5 W 25 mW/°C 1.375 W 1 W (1) Based on a thermal resistance of 40 K/W soldered onto a high K board. MIN MAX UNIT VCC Supply voltage at VIN, VINA 3.1 17 V Maximum voltage at power-good, LBO, EN, SYNC 17 V TJ Operating junction temperature –55 125 °C Copyright © 2007–2008, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): TPS62110-EP TPS62111-EP TPS62112-EP |
Similar Part No. - TPS62110-EP_16 |
|
Similar Description - TPS62110-EP_16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |