Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS6209733RWKT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS6209733RWKT
Description  TPS62097 2-A High Efficiency Step-Down Converter with iDCS-Control, Forced PWM Mode and Selective Switching Frequency
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6209733RWKT Datasheet(HTML) 2 Page - Texas Instruments

  TPS6209733RWKT Datasheet HTML 1Page - Texas Instruments TPS6209733RWKT Datasheet HTML 2Page - Texas Instruments TPS6209733RWKT Datasheet HTML 3Page - Texas Instruments TPS6209733RWKT Datasheet HTML 4Page - Texas Instruments TPS6209733RWKT Datasheet HTML 5Page - Texas Instruments TPS6209733RWKT Datasheet HTML 6Page - Texas Instruments TPS6209733RWKT Datasheet HTML 7Page - Texas Instruments TPS6209733RWKT Datasheet HTML 8Page - Texas Instruments TPS6209733RWKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TPS62097
SLVSCD6 – DECEMBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Application Information....................................... 12
9.1
Application Information............................................ 12
2
Applications ........................................................... 1
9.2
1.2-V Output Application ........................................ 12
3
Description ............................................................. 1
9.3
Coincidental Voltage Tracking ................................ 18
4
Revision History..................................................... 2
9.4
Switching Frequency Selection ............................... 19
5
Device Options....................................................... 3
10
Power Supply Recommendations ..................... 20
6
Terminal Configuration and Functions................ 3
11
PCB Layout .......................................................... 21
7
Specifications......................................................... 4
11.1
Layout Guidelines ................................................. 21
7.1
Absolute Maximum Ratings ..................................... 4
11.2
Layout Example .................................................... 21
7.2
ESD Ratings.............................................................. 4
11.3
Thermal Information .............................................. 21
7.3
Recommend Operating Conditions ........................... 4
12
Device and Documentation Support ................. 22
7.4
Thermal Information .................................................. 4
12.1
Device Support .................................................... 22
7.5
Electrical Characteristics.......................................... 5
12.2
Community Resources.......................................... 22
7.6
Typical Characteristics .............................................. 6
12.3
Trademarks ........................................................... 22
8
Detailed Description .............................................. 7
12.4
Electrostatic Discharge Caution ............................ 22
8.1
Overview ................................................................... 7
12.5
Glossary ................................................................ 22
8.2
Functional Block Diagram ......................................... 7
13
Mechanical, Packaging, and Orderable
8.3
Feature Description................................................... 8
Information ........................................................... 22
8.4
Device Function Modes ............................................ 8
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
December 2015
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS62097


Similar Part No. - TPS6209733RWKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6209733-Q1 TI1-TPS6209733-Q1 Datasheet
318Kb / 20P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS6209733-Q1 TI1-TPS6209733-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS6209733QWRGTRQ1 TI1-TPS6209733QWRGTRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
More results

Similar Description - TPS6209733RWKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62568A TI1-TLV62568A Datasheet
1Mb / 22P
[Old version datasheet]   1-, 2-A Step Down Converter with Forced PWM Feature in SOT563 Package
TPS62080 TI-TPS62080_15 Datasheet
971Kb / 27P
[Old version datasheet]   TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control??and Snooze Mode
TLV62095 TI1-TLV62095 Datasheet
1Mb / 26P
[Old version datasheet]   4-A High Efficiency Step Down Converter with DCS-Control
logo
Anachip Corp
AP1623 ANACHIP-AP1623 Datasheet
182Kb / 6P
   PWM Control Step-Down Switching Regulator-Converter
logo
ACE Technology Co., LTD...
ACE7255E ACE-ACE7255E Datasheet
518Kb / 9P
   24V, 2A, Forced PWM Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MP1601A MPS-MP1601A Datasheet
1Mb / 17P
   1A Synchronous Step-down Converter with Forced CCM Mode
logo
Torex Semiconductor
XC9246B65CMR-G TOREX-XC9246B65CMR-G Datasheet
137Kb / 1P
   PWM Switching Control,Step-Down DC/DC Converter
XC9246B75CMR-G TOREX-XC9246B75CMR-G Datasheet
137Kb / 1P
   PWM Switching Control,Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com