Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3891ET-1.2 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3891ET-1.2
Description  0.8A Fast-Response Ultra Low Dropout Linear
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3891ET-1.2 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3891ET-1.2 Datasheet HTML 1Page - National Semiconductor (TI) LP3891ET-1.2 Datasheet HTML 2Page - National Semiconductor (TI) LP3891ET-1.2 Datasheet HTML 3Page - National Semiconductor (TI) LP3891ET-1.2 Datasheet HTML 4Page - National Semiconductor (TI) LP3891ET-1.2 Datasheet HTML 5Page - National Semiconductor (TI) LP3891ET-1.2 Datasheet HTML 6Page - National Semiconductor (TI) LP3891ET-1.2 Datasheet HTML 7Page - National Semiconductor (TI) LP3891ET-1.2 Datasheet HTML 8Page - National Semiconductor (TI) LP3891ET-1.2 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical Characteristics Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply
over the full operating temperature range. Unless otherwise specified: V
IN =VO(NOM) + 1V, VBIAS = 4.5V, IL = 10 mA, CIN =
COUT = 10 µF, VS/D =VBIAS. (Continued)
Symbol
Parameter
Conditions
Typical
(Note 4)
MIN
(Note
5)
MAX
(Note
5)
Units
AC Parameters
PSRR (V
IN)
Ripple Rejection for V
IN Input
Voltage
V
IN =VOUT +1V, f = 120 Hz
80
dB
V
IN =VOUT +1V,f=1kHz
65
PSRR
(V
BIAS)
Ripple Rejection for V
BIAS
Voltage
V
BIAS =VOUT + 3V, f = 120 Hz
70
V
BIAS =VOUT +3V,f=1kHz
65
Output Noise Density
f = 120 Hz
1
µV/root−Hz
e
n
Output Noise Voltage
BW = 10 Hz − 100 kHz, V
OUT =
1.8V
150
µV (rms)
BW = 300 Hz − 300 kHz, V
OUT
= 1.8V
90
Note 1: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Operating ratings indicate conditions for which the device
is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications, see Electrical Characteristics. Specifications do not
apply when operating the device outside of its rated operating conditions.
Note 2: At elevated temperatures, device power dissipation must be derated based on package thermal resistance and heatsink thermal values.
θJ-A for TO-220
devices is 65˚C/W if no heatsink is used. If the TO-220 device is attached to a heatsink, a
θJ-S value of 4˚C/W can be assumed. θJ-A for TO-263 devices is
approximately 40˚C/W if soldered down to a copper plane which is at least 1.5 square inches in area. If power dissipation causes the junction temperature to exceed
specified limits, the device will go into thermal shutdown.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5k resistor into each pin.
Note 4: Typical numbers represent the most likely parametric norm for 25˚C operation.
Note 5: Limits are guaranteed through testing, statistical correlation, or design.
Note 6: If used in a dual-supply system where the regulator load is returned to a negative supply, the output pin must be diode clamped to ground.
Note 7: Output voltage line regulation is defined as the change in output voltage from nominal value resulting from a change in input voltage.
Note 8: Output voltage load regulation is defined as the change in output voltage from nominal value as the load current increases from no load to full load.
Note 9: Dropout voltage is defined as the minimum input to output differential required to maintain the output with 2% of nominal value.
Note 10: The machine model is a 220 pF capacitor discharged directly into each pin. The machine model ESD rating of pin 5 is 100V.
www.national.com
4


Similar Part No. - LP3891ET-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3891EMR-1.2 TI1-LP3891EMR-1.2 Datasheet
1Mb / 19P
[Old version datasheet]   LP3891 0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3891EMR-1.2 TI1-LP3891EMR-1.2 Datasheet
1Mb / 19P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3891EMR-1.2/NOPB TI1-LP3891EMR-1.2/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3891EMR-1.8 TI1-LP3891EMR-1.8 Datasheet
1Mb / 19P
[Old version datasheet]   LP3891 0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3891EMR-1.8/NOPB TI1-LP3891EMR-1.8/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3891ET-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3881 NSC-LP3881 Datasheet
748Kb / 12P
   0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3881 TI1-LP3881 Datasheet
1Mb / 18P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3891 TI1-LP3891 Datasheet
1Mb / 19P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3891EMR-12 TI1-LP3891EMR-12 Datasheet
1Mb / 19P
[Old version datasheet]   LP3891 0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3874-ADJ NSC-LP3874-ADJ Datasheet
693Kb / 15P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3874EMP-18 NSC-LP3874EMP-18 Datasheet
752Kb / 18P
   0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3874-ADJ TI1-LP3874-ADJ Datasheet
1Mb / 20P
[Old version datasheet]   0.8A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3871 NSC-LP3871_04 Datasheet
360Kb / 18P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3882 NSC-LP3882 Datasheet
326Kb / 12P
   1.5A Fast-Response Ultra Low Dropout Linear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com