Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62043DGQR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62043DGQR
Description  1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62043DGQR Datasheet(HTML) 2 Page - Texas Instruments

  TPS62043DGQR Datasheet HTML 1Page - Texas Instruments TPS62043DGQR Datasheet HTML 2Page - Texas Instruments TPS62043DGQR Datasheet HTML 3Page - Texas Instruments TPS62043DGQR Datasheet HTML 4Page - Texas Instruments TPS62043DGQR Datasheet HTML 5Page - Texas Instruments TPS62043DGQR Datasheet HTML 6Page - Texas Instruments TPS62043DGQR Datasheet HTML 7Page - Texas Instruments TPS62043DGQR Datasheet HTML 8Page - Texas Instruments TPS62043DGQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TPS62040
TPS62042, TPS62043
TPS62044, TPS62046
SLVS463B − JUNE 2003 − REVISED OCTOBER 2005
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
T
VOLTAGE OPTIONS
PACKAGE
PACKAGE MARKING
TA
VOLTAGE OPTIONS
MSOP(1)
QFN(2)
MSOP
QFN
Adjustable
TPS62040DGQ
TPS62040DRC
BBI
BBO
1.5 V
TPS62042DGQ
TPS62042DRC
BBL
BBS
−40°C to 85°C
1.6 V
TPS62043DGQ
TPS62043DRC
BBM
BBT
40 C to 85 C
1.8 V
TPS62044DGQ
TPS62044DRC
BBN
BBU
3.3 V
TPS62046DGQ
TPS62046DRC
BBQ
BBW
(1) The DGQ package is available in tape and reel. Add R suffix (DGQR) to order quantities of 2500 parts per reel.
(2) The DRC package is available in tape and reel. Add R suffix (DRCR) to order quantities of 3000 parts per reel.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNITS
Supply voltage VIN (2)
−0.3 V to 7 V
Voltages on EN, MODE, FB, SW(2)
−0.3 V to VCC +0.3 V
Continuous power dissipation
See Dissipation Rating Table
Operating junction temperature range
−40°C to 150°C
Storage temperature range
−65°C to 150°C
Lead temperature (soldering, 10 sec)
260°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to network ground terminal.
PACKAGE DISSIPATION RATINGS
PACKAGE
RQJA(1)
TA ≤ 25°C
POWER RATING
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
MSOP
60°C/W
1.67 W
917 mW
667 mW
QFN
48.7°C/W
2.05 W
1.13 W
821 mW
(1) The thermal resistance, RΘJA is based on a soldered PowerPAD using thermal vias.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
VI
Supply voltage
2.5
6.0
V
VO
Output voltage range for adjustable output voltage version
0.7
VI
V
IO
Output current
1.2
A
L
Inductor(1)
6.2
µH
CI
Input capacitor(1)
22
µF
CO
Output capacitor(1)
22
µF
TA
Operating ambient temperature
−40
85
°C
TJ
Operating junction temperature
−40
125
°C
(1) Refer to application section for further information


Similar Part No. - TPS62043DGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62043DGQR TI1-TPS62043DGQR Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62043DGQR TI1-TPS62043DGQR Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62043DGQRG4 TI1-TPS62043DGQRG4 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Similar Description - TPS62043DGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
[Old version datasheet]   1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
   High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com