Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62135RGXT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62135RGXT
Description  High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62135RGXT Datasheet(HTML) 1 Page - Texas Instruments

  TPS62135RGXT Datasheet HTML 1Page - Texas Instruments TPS62135RGXT Datasheet HTML 2Page - Texas Instruments TPS62135RGXT Datasheet HTML 3Page - Texas Instruments TPS62135RGXT Datasheet HTML 4Page - Texas Instruments TPS62135RGXT Datasheet HTML 5Page - Texas Instruments TPS62135RGXT Datasheet HTML 6Page - Texas Instruments TPS62135RGXT Datasheet HTML 7Page - Texas Instruments TPS62135RGXT Datasheet HTML 8Page - Texas Instruments TPS62135RGXT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
IOUT (A)
1E-5
0.0001
0.001
0.01
0.1
1
4
0
10
20
30
40
50
60
70
80
90
100
D001
VIN = 4 V
VIN = 5 V
VIN = 6 V
VIN = 8 V
VIN = 10 V
VIN = 12 V
VIN = 15 V
TPS62135
SW
FB
VIN
FB2
MODE
PG
VOS
1 uH
EN
GND
SS/TR
22uF
10uF
VBAT = 3.0V to 17V
VOUT = 0.8V to 12V
VSEL
R
1
R
2
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS62135, TPS621351
SLVSBH3A – JUNE 2016 – REVISED SEPTEMBER 2016
TPS62135, TPS621351 High Accuracy 3-V to 17-V 3.5-A Step-Down Converters
with DCS-Control™
1
1 Features
1
Output Voltage Accuracy ± 1% (PWM mode)
Input Voltage Range: 3 V to 17 V
Quiescent Current 18 µA Typ
Output Voltage from 0.8 V to 12 V
Adjustable Soft-Start
Precise ENABLE input allows
User-Defined Undervoltage Lockout
Exact Sequencing
100% Duty Cycle Mode
Automatic Efficiency Enhancement AEE™
DCS-Control™ Topology
Available with Active Output Discharge
Optional HICCUP Overcurrent Protection
Power Good Output
Available in 3-mm x 2-mm VQFN Package
2 Applications
Standard 12-V Rail Supplies
POL for Connected Standby Requirements
POL Supply from Single or Multiple Li-Ion Battery
Gaming Consoles, SSD Drives
Mobile and Embedded Computers
3 Description
The TPS62135 and TPS621351 are high efficiency
and easy to use synchronous step-down DC-DC
converters, based on the DCS-Control™ Topology.
The devices wide input voltage range of 3-V to 17-V
makes it suitable for multi-cell Li-Ion as well as 12-V
intermediate supply rails. The devices provide 3.5-A
continuous
output
current.
The
TPS62135
automatically enters Power Save Mode at light loads
to maintain high efficiency across the whole load
range. With that, the device is well suited for
applications
that
require
connected
standby
performance, like ultra low power computers. With the
MODE pin set to low, the switching frequency of the
device is adapted automatically based on the input
and
output
voltage.
This
technique
is
called
Automatic
Efficiency
Enhancement
(AEE™)
and
maintains high conversion efficiency over the whole
operation range. It provides a 1% output voltage
accuracy in PWM mode and therefore enables the
design of a power supply with high output voltage
accuracy.
The device has a typical quiescent current of 18 µA.
In shutdown mode the current is typically 1 µA and
the output is actively discharged for TPS62135 while
the output voltage discharge feature is disabled in
TPS621351.
The TPS62135 is available as an adjustable version,
packaged in a 3-mm x 2-mm VQFN package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS62135
VQFN
3.00 mm x 2.00 mm
TPS621351
VQFN
3.00 mm x 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
Simplified Schematic
Efficiency vs Output Current for Vo = 3.3 V


Similar Part No. - TPS62135RGXT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS6213013A-Q1 TI1-TPS6213013A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS6213013AQRGTRQ1 TI1-TPS6213013AQRGTRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
More results

Similar Description - TPS62135RGXT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62170-Q1 TI1-TPS62170-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   3-V to17-V 0.5-A Step-Down Converters with DCS-Control
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com