Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA300ARHHR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PGA300ARHHR
Description  Transmitter for Pressure Sensors
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA300ARHHR Datasheet(HTML) 11 Page - Texas Instruments

Back Button PGA300ARHHR Datasheet HTML 7Page - Texas Instruments PGA300ARHHR Datasheet HTML 8Page - Texas Instruments PGA300ARHHR Datasheet HTML 9Page - Texas Instruments PGA300ARHHR Datasheet HTML 10Page - Texas Instruments PGA300ARHHR Datasheet HTML 11Page - Texas Instruments PGA300ARHHR Datasheet HTML 12Page - Texas Instruments PGA300ARHHR Datasheet HTML 13Page - Texas Instruments PGA300ARHHR Datasheet HTML 14Page - Texas Instruments PGA300ARHHR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
11
PGA300
www.ti.com
SLDS204A – OCTOBER 2014 – REVISED JUNE 2016
Product Folder Links: PGA300
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics – Diagnostics (continued)
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
P_DIAG_P
U
P gain input
diagnostics
pulldown resistor
value
PD2
PD1
M
Ω
0
0
1
0
1
2
1
0
3
1
1
4
INP_OV
P gain input
overvoltage
threshold value
INP+ and INP– each has threshold
comparator
THRS[2]
THRS[1]
THRS[0]
% VBRG
VBRG = 2.5 V
0
0
0
72.5
0
0
1
70
0
1
0
65
VBRG = 2 V
0
1
1
90
1
0
0
87.5
1
0
1
82.5
VBRG = 1.25 V
1
1
0
100
1
1
1
95
INP_UV
P gain input
undervoltage
threshold value
INP+ and INP– each has threshold
comparator
THRS[2]
THRS[1]
THRS[0]
% VBRG
VBRG = 2.5 V
0
0
0
7.5
0
0
1
10.0
0
1
0
15.0
VBRG = 2.V
0
1
1
10.0
1
0
0
12.5
1
0
1
17.5
VBRG = 1.25 V
1
1
0
17.5
1
1
1
22.5
INT_OV
T gain input
overvoltage
INT+ and INT– each has threshold comparator
2.1
V
PGAIN_OV
Output overvoltage
(single-ended)
threshold for P
gain
2.25
V
PGAIN_UV
Output
undervoltage
(single-ended)
threshold for P
gain
0.15
V
TGAIN_OV
Output overvoltage
(single-ended)
threshold for T gain
2.25
V
TGAIN_UV
Output
undervoltage
(single-ended)
threshold for T gain
0.15
V
HARNESS_
FAULT1
Open-wire leakage
current 1. Open
PWR with pullup
on OUT
2
µA
HARNESS_
FAULT2
Open-wire leakage
current 2. Open
GND with pulldown
on OUT
20
µA


Similar Part No. - PGA300ARHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA301-Q1 TI1-PGA301-Q1 Datasheet
63Kb / 3P
[Old version datasheet]   Pressure Sensor Signal Conditioner
PGA301QRHHRQ1 TI1-PGA301QRHHRQ1 Datasheet
63Kb / 3P
[Old version datasheet]   Pressure Sensor Signal Conditioner
PGA302 TI1-PGA302 Datasheet
665Kb / 74P
[Old version datasheet]   Sensor Signal Conditioner With 0-5V Ratiometric Output
PGA302EPWR TI1-PGA302EPWR Datasheet
665Kb / 74P
[Old version datasheet]   Sensor Signal Conditioner With 0-5V Ratiometric Output
PGA302EPWT TI1-PGA302EPWT Datasheet
665Kb / 74P
[Old version datasheet]   Sensor Signal Conditioner With 0-5V Ratiometric Output
More results

Similar Description - PGA300ARHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA305 TI1-PGA305 Datasheet
1Mb / 80P
[Old version datasheet]   Signal Conditioner and Transmitter for Pressure Sensors
logo
Festo Corporation.
571476 FESTO-571476 Datasheet
92Kb / 2P
   Pressure transmitter
571488 FESTO-571488 Datasheet
82Kb / 2P
   Pressure transmitter
8000102 FESTO-8000102 Datasheet
94Kb / 2P
   Pressure transmitter
8025976 FESTO-8025976 Datasheet
76Kb / 2P
   Pressure transmitter
571472 FESTO-571472 Datasheet
92Kb / 2P
   Pressure transmitter
571482 FESTO-571482 Datasheet
92Kb / 2P
   Pressure transmitter
571483 FESTO-571483 Datasheet
82Kb / 2P
   Pressure transmitter
8000101 FESTO-8000101 Datasheet
94Kb / 2P
   Pressure transmitter
571471 FESTO-571471 Datasheet
92Kb / 2P
   Pressure transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com