Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA308 Datasheet(PDF) 4 Page - Texas Instruments

Part # PGA308
Description  Programmable Gain and Offset
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA308 Datasheet(HTML) 4 Page - Texas Instruments

  PGA308_16 Datasheet HTML 1Page - Texas Instruments PGA308_16 Datasheet HTML 2Page - Texas Instruments PGA308_16 Datasheet HTML 3Page - Texas Instruments PGA308_16 Datasheet HTML 4Page - Texas Instruments PGA308_16 Datasheet HTML 5Page - Texas Instruments PGA308_16 Datasheet HTML 6Page - Texas Instruments PGA308_16 Datasheet HTML 7Page - Texas Instruments PGA308_16 Datasheet HTML 8Page - Texas Instruments PGA308_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
PGA308
SBOS440B – JULY 2008 – REVISED DECEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, VS = +5V, GND = 0V, DOUT/VCLAMP = +5V, and VREF = +5V, unless otherwise noted.
PGA308
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Coarse Offset Adjust
(RTI of Front-End PGA)
(6)
Range
VREF = +5V
–100
+100
mV
Resolution
7 bit + sign, VREF = +5V
1
mV
PSRR
2
mV/V
CMRR
1
mV/V
Drift
Coarse Offset Adjust = 100mV
1.2
mV/°C
Fine Offset Adjust (Zero DAC)
Programming Range
RTO of Front-End PGA
–0.5VREF
+0.5VREF
V
Output Voltage Range
0.1
VS – 0.1
V
Resolution
65,536 steps, 16-bit DAC, VREF = +5V
76
mV
Integral Nonlinearity
±6
LSB
Differential Nonlinearity
±0.5
LSB
Gain Error
±0.5
%
Gain Error Drift
±4
ppm/°C
Offset
±4
mV
Offset Drift
±10
mV/°C
PSRR
±200
mV/V
Output Amplifier
Output Fine Gain Adjust (Gain DAC)
Range
0.33
1
V/V
Resolution
65,536 steps, 16-bit DAC
10
mV/V
Integral Nonlinearity
±6
LSB
Differential Nonlinearity
±0.5
LSB
Gain Error
±0.2
%
Gain Drift
3
ppm/°C
Output Amplifier
Offset Voltage (RTI of Output Amplifier)
(6)
±3
mV
vs Temperature
±5
mV/°C
vs Supply Voltage, VS
±100
mV/V
Common-Mode Input Range
0
VS – 1.5
V
Input Bias Current
±100
pA
Amplifier Internal Gain
Gain Range Steps
2, 2.4, 3, 3.6, 4, 4.5, 6
2
6
V/V
Initial Gain Error
±0.05
±0.25
%
vs Temperature
±1
ppm/°C
Output Voltage Range
IOUT = 0.5mA
(7)
0.03
VS – 0.06
V
IOUT = 4mA
(7)
0.1
VS – 0.1
V
Output Short-Circuit Current
ISC
Sourcing/sinking
10
mA
Open-Loop Gain at 0.1Hz
106
dB
Gain-Bandwidth Product
2
MHz
Phase Margin
Gain = 2, CL = 200pF
45
deg
Output Resistance
RO
AC small-signal, open-loop, f = 1MHz, IOUT = 0, see
500
Figure 28
(6)
RTI = Referred-to-input.
(7)
Unless limited by the over/under-scale setting, or VCLAMP pin.
4
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): PGA308


Similar Part No. - PGA308_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA308-DIE TI1-PGA308-DIE Datasheet
91Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, AUTO-ZERO SENSOR AMPLIFIER WITH PROGRAMMABLE GAIN AND OFFSET
PGA308-Q1 TI1-PGA308-Q1 Datasheet
812Kb / 26P
[Old version datasheet]   Single-Supply, Auto-Zero Sensor Amplifier with Programmable Gain and Offset
PGA308AIDGSR TI-PGA308AIDGSR Datasheet
638Kb / 24P
[Old version datasheet]   Single-Supply, Auto-Zero Sensor Amplifier
PGA308AIDGST TI-PGA308AIDGST Datasheet
638Kb / 24P
[Old version datasheet]   Single-Supply, Auto-Zero Sensor Amplifier
PGA308AIDRKR TI-PGA308AIDRKR Datasheet
638Kb / 24P
[Old version datasheet]   Single-Supply, Auto-Zero Sensor Amplifier
More results

Similar Description - PGA308_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA308-DIE TI1-PGA308-DIE Datasheet
91Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, AUTO-ZERO SENSOR AMPLIFIER WITH PROGRAMMABLE GAIN AND OFFSET
PGA308-Q1 TI1-PGA308-Q1 Datasheet
812Kb / 26P
[Old version datasheet]   Single-Supply, Auto-Zero Sensor Amplifier with Programmable Gain and Offset
logo
Analog Devices
HMC6301 AD-HMC6301 Datasheet
725Kb / 24P
   Programmable baseband gain and filter bandwidth
logo
List of Unclassifed Man...
XE2003 ETC-XE2003 Datasheet
88Kb / 6P
   CAPACITIVE SENSOR INTERFACE CIRCUIT WITH GAIN AND OFFSET ADJUSTMENT
logo
STMicroelectronics
STPMS2 STMICROELECTRONICS-STPMS2 Datasheet
1Mb / 36P
   Programmable chopper-stabilized low noise and low offset amplifier
March 2016 Rev 5
logo
Analog Devices
ADRF6516 AD-ADRF6516_17 Datasheet
1Mb / 29P
   Dual Programmable Filters and Variable Gain Amplifiers
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
   Programmable Gain Amplifier
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
   Programmable Gain Amplifier
logo
Burr-Brown (TI)
PGA103 BURR-BROWN-PGA103 Datasheet
119Kb / 7P
   Programmable Gain AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com