Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA206PAG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # PGA206PAG4
Description  INSTRUMENTATION AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA206PAG4 Datasheet(HTML) 2 Page - Texas Instruments

  PGA206PAG4 Datasheet HTML 1Page - Texas Instruments PGA206PAG4 Datasheet HTML 2Page - Texas Instruments PGA206PAG4 Datasheet HTML 3Page - Texas Instruments PGA206PAG4 Datasheet HTML 4Page - Texas Instruments PGA206PAG4 Datasheet HTML 5Page - Texas Instruments PGA206PAG4 Datasheet HTML 6Page - Texas Instruments PGA206PAG4 Datasheet HTML 7Page - Texas Instruments PGA206PAG4 Datasheet HTML 8Page - Texas Instruments PGA206PAG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
®
PGA206/207
PGA206P, U
PGA206PA, UA
PGA207P, U
PGA207PA, UA
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
SPECIFICATIONS
At TA = +25°C, VS = ±15V, RL = 2kΩ unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
INPUT
Offset Voltage, RTI
All Gains
Initial
TA = +25°C
±0.5
±1.5
±1
±2.5
mV
vs Temperature
TA = TMIN to TMAX, G = 8, 10
±2
T
µV/°C
vs Power Supply
VS = ±4.5V to ±18V
±5
±20
±10
±40
µV/V
Long-Term Stability
4.5
T
µV/mo
Impedance, Differential
1013 || 1
T
Ω || pF
Common-Mode
1012 || 4
T
Ω || pF
Common-Mode Voltage Range(1)
VO = 0V
±(|V
S|–4)
±(|V
S| –2.5)
TT
V
Safe Input Voltage
±40
T
V
Common-Mode Rejection
VCM = ±11V, ∆RS = 1kΩ
G = 1
80
92
75
86
dB
G = 2
85
96
80
90
dB
G = 4 or 5
90
100
84
94
dB
G = 8 or 10
95
100
84
94
dB
INPUT BIAS CURRENT
VIN = 0
2
100
TT
pA
vs Temperature
See Typical Curve
T
Offset Current
1
100
TT
pA
vs Temperature
See Typical Curve
T
NOISE VOLTAGE, RTI
G = 8,10; RS = 0Ω
f = 10Hz
30
T
nV/
√Hz
f = 100Hz
20
T
nV/
√Hz
f = 1kHz
18
T
nV/
√Hz
fB = 0.1Hz to 10Hz
1
T
µVp-p
Noise Current
f = 1kHz
1.5
T
fA/
√Hz
GAIN
All Gains, VO = ±11V
Gain Error
±0.01
±0.05
T
±0.1
%
Gain vs Temperature(2)
±1
±10
TT
ppm/
°C
Nonlinearity
±0.0003
±0.002
T
±0.005
% of FSR
OUTPUT
Voltage, Positive
(V+) –4
(V+) –2.3
TT
V
Negative
(V–) +4
(V–) +1.5
TT
V
Load Capacitance Stability
1000
T
pF
Short-Circuit Current
±17
T
mA
FREQUENCY RESPONSE
Bandwidth, –3dB
G = 1
5
T
MHz
G = 2
4
T
MHz
G = 4, 5
1.3
T
MHz
G = 8, 10
600
T
kHz
Slew Rate
VO = ±10V, G = 1 to 10
25
T
V/
µs
Settling Time, 0.1%
20V Step, All Gains
2
T
µs
0.01%
20V Step, All Gains
3.5
T
µs
Output Overload Recovery
50% Overdrive
1.5
T
µs
DIGITAL LOGIC INPUTS
Digital Ground Voltage, VDG
V–
(V+) –4
TT
V
Digital Low Voltage
V–
VDG + 0.8V
TT
V
Digital Input Current
1
T
pA
Digital High Voltage
VDG+2
V+
TT
V
Gain Switching Time
500
T
ns
POWER SUPPLY
Voltage Range
±4.5
±15
±18
TT
T
V
Current
VIN = 0V
+12.4 /–11.2
±13.5
T
mA
TEMPERATURE RANGE
Specification
–40
+85
TT
°C
Operating
–40
+125
TT
°C
Thermal Resistance,
θ
JA
80
T
°C/W
T Specification same as PGA206P or PGA207P.
NOTES: (1) Input common-mode range varies with output voltage—see typical curves. (2) Guaranteed by wafer test.


Similar Part No. - PGA206PAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA206PA BURR-BROWN-PGA206PA Datasheet
246Kb / 10P
   High-Speed Programmable Gain INSTRUMENTATION AMPLIFIER
More results

Similar Description - PGA206PAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
XR620A EXAR-XR620A Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA120 TI-INA120 Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Cadeka Microcircuits LL...
CLC1200 CADEKA-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA322 TI1-INA322_16 Datasheet
815Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA337 TI1-INA337_14 Datasheet
830Kb / 19P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
ISO165 BURR-BROWN-ISO165 Datasheet
164Kb / 8P
   INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2141 TI1-INA2141 Datasheet
751Kb / 15P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA204 TI1-PGA204_16 Datasheet
794Kb / 20P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
CLC1200 EXAR-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com