Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA400-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Part # PGA400-Q1
Description  PGA400-Q1 Pressure-Sensor Signal Conditioner
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA400-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PGA400-Q1_16 Datasheet HTML 2Page - Texas Instruments PGA400-Q1_16 Datasheet HTML 3Page - Texas Instruments PGA400-Q1_16 Datasheet HTML 4Page - Texas Instruments PGA400-Q1_16 Datasheet HTML 5Page - Texas Instruments PGA400-Q1_16 Datasheet HTML 6Page - Texas Instruments PGA400-Q1_16 Datasheet HTML 7Page - Texas Instruments PGA400-Q1_16 Datasheet HTML 8Page - Texas Instruments PGA400-Q1_16 Datasheet HTML 9Page - Texas Instruments PGA400-Q1_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 119 page
background image
6
PGA400-Q1
SLDS186A – MARCH 2012 – REVISED JULY 2016
www.ti.com
Product Folder Links: PGA400-Q1
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions are not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Power supply voltage, continuous
–5.5
16
V
Voltage at VP_OTP
–0.3
8
V
Voltage at sensor input and drive pins
–0.3
3.6
V
Voltage at any IO pin except at VOUT1/OWI
–0.3
VDD + 0.3
V
Voltage at VOUT1/OWI pin
–0.3
7.5
V
Supply current
IDD, short on VOUT1 or VOUT2
–45
45
mA
Output current
VOUT1, VOUT2
–30
30
mA
TJmax
Maximum junction temperature
150
°C
Tlead
Lead temperature (soldering, 10 s)
260
°C
Tstg
Storage temperature
–40
150
°C
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC Q100-002(1)
±2000
V
Charged device model (CDM), per AEC Q100-011
±500
(1)
VDD = 5 V, no load on VBRG, no load on DAC1 and DAC2.
(2)
VDD = 5.5 V, no load on VBRG, no load on DAC1 and DAC2, AFE turned OFF.
(3)
Start-up time is measured from when voltage supply is applied to when the MCU starts operating.
6.3
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Power supply voltage
4.5
5
5.5
V
IDD
Power supply current
Normal mode(1)
13.6
mA
Low-power mode(2)
9.5
VP_OTP
OTP programming voltage
7
7.4
7.8
V
I_VP_OTP
OTP programming current
During OTP programming
3
mA
tprog_OTP
OTP programming timing per byte
120
µs
TA
Operating ambient temperature
–40
125
°C
Programming temperature
OTP or EEPROM
–40
140
°C
Start-up time(3)
VDD ramp rate 1 V/µs
250
µs


Similar Part No. - PGA400-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA400-Q1 TI1-PGA400-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONER
More results

Similar Description - PGA400-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA301-Q1 TI1-PGA301-Q1 Datasheet
63Kb / 3P
[Old version datasheet]   Pressure Sensor Signal Conditioner
PGA400-Q1 TI1-PGA400-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONER
PGA400-EP TI1-PGA400-EP Datasheet
1Mb / 99P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONER
PGA331-Q1 TI1-PGA331-Q1 Datasheet
62Kb / 3P
[Old version datasheet]   Pressure Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
Texas Instruments
PGA450-Q1 TI1-PGA450-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   ULTRASONIC-SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC5101 RENESAS-ZSSC5101 Datasheet
804Kb / 29P
   xMR Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com