Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA400-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # PGA400-Q1
Description  PGA400-Q1 Pressure-Sensor Signal Conditioner
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA400-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  PGA400-Q1 Datasheet HTML 1Page - Texas Instruments PGA400-Q1 Datasheet HTML 2Page - Texas Instruments PGA400-Q1 Datasheet HTML 3Page - Texas Instruments PGA400-Q1 Datasheet HTML 4Page - Texas Instruments PGA400-Q1 Datasheet HTML 5Page - Texas Instruments PGA400-Q1 Datasheet HTML 6Page - Texas Instruments PGA400-Q1 Datasheet HTML 7Page - Texas Instruments PGA400-Q1 Datasheet HTML 8Page - Texas Instruments PGA400-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 119 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
PGA400-Q1
SLDS186A – MARCH 2012 – REVISED JULY 2016
PGA400-Q1 Pressure-Sensor Signal Conditioner
1
1 Features
1
Analog Features
Analog Front-End for Resistive Bridge Sensors
Self-Oscillating Demodulator for Capacitive
Sensors
On-Chip Temperature Sensor
Programmable Gain
16-Bit, 1-MHz Sigma-Delta Analog-to-Digital
Converter for Signal Channel
10-Bit Sigma-Delta Analog-to-Digital Converter
for Temperature Channel
Two 12-Bit Digital-to-Analog Outputs
Digital Features
Microcontroller Core
10-MHz 8051 WARP Core
2 Clocks Per Instruction Cycle
On-Chip Oscillator
Memory
8KB of OTP Memory
89 Bytes of EEPROM
256 Bytes Data SRAM
Peripheral Features
Serial Peripheral Interface (SPI)
Inter-Integrated Circuit (I2C)
One-Wire Interface (OWI)
Two Input Capture Ports
Two Output Compare Ports
Software Watchdog Timer
Oscillator Watchdog
Power Management Control
Analog Low-Voltage Detect
General Features
AEC-Q100 Qualified With the Following
Results:
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Device HBM ESD Classification Level 2
Device HBM ESD Classification Level C3B
Power Supply: 4.5-V to 5.5-V Operational,
–5.5-V to 16-V Absolute Maximum
2 Applications
Pressure Sensor-Signal Conditioning
Level Sensor-Signal Conditioning
Humidity Sensor-Signal Conditioning
3 Description
The PGA400-Q1 device is an interface device for
piezoresistive, strain gauge, and capacitive-sense
elements. The device incorporates the analog front
end (AFE) that directly connects to the sense element
and has voltage regulators and an oscillator. The
device also includes a sigma-delta analog-to-digital
converter (ADC), 8051 WARP core microprocessor,
and OTP memory. Sensor compensation algorithms
can be implemented in software. The PGA400-Q1
device also includes two digital-to-analog converter
(DAC) outputs.
Table 1. Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
PGA400QRHHRQ1
VQFN (36)
6.00 mm × 6.00 mm
PGA400QYZRQ1
WCSP (36)
3.65 mm × 3.65 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Figure 1. Simplified Schematic


Similar Part No. - PGA400-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA400-Q1 TI1-PGA400-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONER
More results

Similar Description - PGA400-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA301-Q1 TI1-PGA301-Q1 Datasheet
63Kb / 3P
[Old version datasheet]   Pressure Sensor Signal Conditioner
PGA400-Q1 TI1-PGA400-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONER
PGA400-EP TI1-PGA400-EP Datasheet
1Mb / 99P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONER
PGA331-Q1 TI1-PGA331-Q1 Datasheet
62Kb / 3P
[Old version datasheet]   Pressure Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
Texas Instruments
PGA450-Q1 TI1-PGA450-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   ULTRASONIC-SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC5101 RENESAS-ZSSC5101 Datasheet
804Kb / 29P
   xMR Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com