Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4415EUA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4415EUA
Description  Low-Power, 3V/5V, 400MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4415EUA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4415EUA Datasheet HTML 3Page - Maxim Integrated Products MAX4415EUA Datasheet HTML 4Page - Maxim Integrated Products MAX4415EUA Datasheet HTML 5Page - Maxim Integrated Products MAX4415EUA Datasheet HTML 6Page - Maxim Integrated Products MAX4415EUA Datasheet HTML 7Page - Maxim Integrated Products MAX4415EUA Datasheet HTML 8Page - Maxim Integrated Products MAX4415EUA Datasheet HTML 9Page - Maxim Integrated Products MAX4415EUA Datasheet HTML 10Page - Maxim Integrated Products MAX4415EUA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Low-Power, +3V/+5V, 400MHz Single-Supply
Op Amps with Rail-to-Rail Outputs
_______________________________________________________________________________________
7
Note 1: All devices are 100% production tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: Guaranteed by design.
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, VEE = 0, VCM = +1.75V, RL = 1k
Ω connected to VCC/2, CL = 5pF, AVCL = +1V/V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Gain Matching
MAX4416–MAX4419,
VOUT = 100mVp-p, f
≤ 10MHz
0.1
dB
Phase Matching
MAX4416–MAX4419,
VOUT = 100mVp-p, f
≤ 10MHz
0.1
degrees
Input Noise-Voltage Density
en
f = 10kHz
10
nV/
√Hz
Input Noise-Current Density
In
f = 10kHz
0.6
pA/
√Hz
Input Capacitance
CIN
1.8
pF
Output Impedance
ZOUT
f = 1MHz
0.5
Capacitive Load Drive
No sustained oscillations
120
pF
Power-Up 1% Settling Time
(Note 2)
1.2
100
µs
Crosstalk
XTALK
MAX4416–MAX4419, f = 10MHz,
VOUT = 2Vp-p
-72
dB
Typical Operating Characteristics
(VCC = +5V, VEE = 0, VCM = +1.75V, AVCL = +1V/V (MAX4414/MAX4416/MAX4418), AVCL = +5V/V (MAX4415/MAX4417/MAX4419),
RL = 1k
Ω to VCC/2, CL = 5pF, TA = +25°C, unless otherwise noted.)
1.30
1.45
1.40
1.35
1.55
1.50
1.75
1.70
1.65
1.60
1.80
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(PER AMPLIFIER)
SUPPLY VOLTAGE (V)
3
-7
100k
1M
10M
100M
1G
SMALL-SIGNAL GAIN vs. FREQUENCY
-5
FREQUENCY (Hz)
-3
-1
1
0
-2
-4
-6
2
MAX4414/MAX4416/MAX4418
(AVCL = +1V/V)
MAX4415/MAX4417/MAX4419
(AVCL = +5V/V)
8
-6
100k
1M
10M
100M
1G
MAX4414/MAX4416/MAX4418
SMALL-SIGNAL GAIN WITH
CAPACITIVE LOAD vs. FREQUENCY
-4
FREQUENCY (Hz)
-2
2
4
0
6
22pF
5pF
15pF
AVCL = +1V/V


Similar Part No. - MAX4415EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
   80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX4410 MAXIM-MAX4410 Datasheet
122Kb / 4P
   No DC-Blocking Capacitors Required
Rev. 0; 7/02
MAX4410EUD MAXIM-MAX4410EUD Datasheet
865Kb / 20P
   80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX4410EVKIT MAXIM-MAX4410EVKIT Datasheet
122Kb / 4P
   No DC-Blocking Capacitors Required
Rev. 0; 7/02
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
More results

Similar Description - MAX4415EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4452 MAXIM-MAX4452 Datasheet
655Kb / 15P
   Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 2/01
MAX4452 MAXIM-MAX4452_V01 Datasheet
765Kb / 19P
   Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
2005
MAX9636 MAXIM-MAX9636_11 Datasheet
2Mb / 16P
   3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
Rev 2; 1/11
MAX9636 MAXIM-MAX9636 Datasheet
2Mb / 16P
   3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
Rev 0; 6/10
MAX9636 MAXIM-MAX9636_V01 Datasheet
845Kb / 12P
   3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
2019
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com