Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6461XR26-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6461XR26-T
Description  Ultra-Low-Power Voltage Detectors and UP Supervisory Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6461XR26-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6461XR26-T Datasheet HTML 1Page - Maxim Integrated Products MAX6461XR26-T Datasheet HTML 2Page - Maxim Integrated Products MAX6461XR26-T Datasheet HTML 3Page - Maxim Integrated Products MAX6461XR26-T Datasheet HTML 4Page - Maxim Integrated Products MAX6461XR26-T Datasheet HTML 5Page - Maxim Integrated Products MAX6461XR26-T Datasheet HTML 6Page - Maxim Integrated Products MAX6461XR26-T Datasheet HTML 7Page - Maxim Integrated Products MAX6461XR26-T Datasheet HTML 8Page - Maxim Integrated Products MAX6461XR26-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Detailed Description
The MAX6461/MAX6462/MAX6463 voltage detectors
and the MAX6464/MAX6465/MAX6466 µP reset supervi-
sory circuits monitor battery, power-supply, and system
voltages from +1.6V to +5.5V. These devices consume
only 1µA of supply current with a 3.6V supply voltage.
Whenever VCC falls below the internal VTH- threshold,
the output is asserted and remains asserted until VCC
rises above VTH+ (VTH+ = VTH-
× 1.05). All devices have
±2.5% threshold accuracy over temperature and offer
protection to short voltage transients. These devices are
ideal for low-cost and space-critical applications
because they do not require external components for
proper operation.
Ultra-Low-Power Voltage Detectors and
µP Supervisory Circuits
_______________________________________________________________________________________
5
Pin Description
PIN
MAX6461–MAX6466
SOT23-3
SC70-3
SOT23-5
NAME
FUNCTION
OUT
Detector Output for the MAX6461/MAX6462/MAX6463: Push-pull (active-low or
active-high) and open-drain (active-low) options. OUT is asserted low when the
monitored input (VCC) drops below the internal VTH- threshold and remains low
until the monitored input exceeds the internal VTH+ threshold. OUT is asserted
high when the monitored input (VCC) drops below the internal VTH- threshold and
remains high until the monitored input exceeds the internal VTH+ threshold. The
open-drain output OUT requires an external pullup resistor. Output for the
MAX6464/MAX6465/MAX6466: Push-pull (active-low or active-high) and open-
drain (active-low) options.
12
4
OUT
OUT is asserted low when the monitored input (VCC) drops below the internal
VTH- threshold and remains low for at least 150ms after the monitored input
exceeds the internal VTH+ threshold. OUT is asserted high when the monitored
input (VCC) drops below the internal VTH- threshold and remains high for at least
150ms after the monitored input exceeds the internal VTH+ threshold. The open-
drain output OUT requires an external pullup resistor.
2
1
2, 3
GND
Ground. In the SOT23-5 package, both pins must be grounded.
33
5
VCC
Supply Voltage and Monitored Voltage Input
——
1
N.C.
No Connection
RESET
TIMEOUT
OUTPUT
STAGE
1.23V
VCC
OUT
R1
R2
R3
MAX6461–
MAX6466
Functional Diagram


Similar Part No. - MAX6461XR26-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6461XR MAXIM-MAX6461XR Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6461XR MAXIM-MAX6461XR Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6461XR-T MAXIM-MAX6461XR-T Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
More results

Similar Description - MAX6461XR26-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6464UK45 MAXIM-MAX6464UK45 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6464UK31 MAXIM-MAX6464UK31 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6841 MAXIM-MAX6841 Datasheet
180Kb / 9P
   Ultra-Low-Voltage uP Reset Circuits and Voltage Detectors
Rev 1; 2/03
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
logo
ams AG
AS1904 AMSCO-AS1904_1 Datasheet
184Kb / 9P
   Ultra Low-Power uP Supervisory Circuit
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841_05 Datasheet
578Kb / 9P
   Ultra-Low-Voltage 關P Reset Circuits and Voltage Detectors
Rev 2; 12/05
logo
ams AG
AS1901 AMSCO-AS1901 Datasheet
76Kb / 9P
   Ultra Low-Power uP Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com