Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33399 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC33399
Description  Automotive Local Interconnect Network Physical Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33399 Datasheet(HTML) 1 Page - Motorola, Inc

  MC33399 Datasheet HTML 1Page - Motorola, Inc MC33399 Datasheet HTML 2Page - Motorola, Inc MC33399 Datasheet HTML 3Page - Motorola, Inc MC33399 Datasheet HTML 4Page - Motorola, Inc MC33399 Datasheet HTML 5Page - Motorola, Inc MC33399 Datasheet HTML 6Page - Motorola, Inc MC33399 Datasheet HTML 7Page - Motorola, Inc MC33399 Datasheet HTML 8Page - Motorola, Inc MC33399 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Advance Information
Automotive “Local Interconnect
Network” Physical Interface
MC33399
SILICON MONOLITHIC
INTEGRATED CIRCUIT
(Top view)
1
2
3
4
5
6
7
PIN CONNECTIONS
8
RX
EN
Wake
TX
INH
Vsup
LIN
gnd
LIN INTERFACE
8
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO-8)
ORDERING INFORMATION
Device
Operating Temperature
Range
Package
SO-8
- 40
°C to+125°C
Simplified Block Diagram
Rxd
Txd
EN
LIN
VSUP
V. ref
Logic
Gnd
Driver
Receiver
Bias
INH
Protection
MC33399
Wake up
V-Reg Ctrl
Wake
30k
_
Semiconductor Technical Data
MOTOROLA
Order Number: MC33399/D
Rev. 4.0, 08/2001
This document contains information on a new product. Specifications and
information herein are subject to change without notice.
© Motorola, Inc., 2001. All rights reserved.
TM
1
The MC33399 is a Physical Layer component dedicated to automotive sub
bus applications. The device is compliant to LIN specification. Its main
features are:
• Speed Communication from 1 to 20Kb/s
• Nominal Operation from VSUP 8 to 18V DC
• Fully Functional up to 27V DC battery voltage.
• 40V maximum Voltage during Load Dump
• Handle from +40V to -18V DC voltage at LIN pin
• Gnd disconnection fail safe at module level
• An Unpowered Node does not disturb the network
• GND Shift Operation at system level
• Two Operation Modes: Normal and Sleep Mode
• Very Low Standby Current during Sleep Mode 20uA
• Wake-up Capability from LIN bus, MCU command and dedicated high
voltage wake up input (interface to external switch)
• Interface to MCU with CMOS compatible I/O pins
• Control of External Voltage Regulator
• LIN bus Threshold Voltage fully Compatible with LIN protocol specification
• Bus
slew
rate
control
according
to
LIN
protocol
specification
recommendations (2V/us typ.)
• Internal pull up resistor
• Handle Automotive Transients per ISO9137 Specification
• ESD 4KV on LIN bus Pin
• High EMC Immunity
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33399

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
logo
Freescale Semiconductor...
MC33399D FREESCALE-MC33399D Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
MC33399DR2 FREESCALE-MC33399DR2 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
NXP Semiconductors
MC33399PEF NXP-MC33399PEF Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
More results

Similar Description - MC33399

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
logo
Freescale Semiconductor...
MC33661PEFR2 FREESCALE-MC33661PEFR2 Datasheet
678Kb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
logo
STMicroelectronics
AN3258 STMICROELECTRONICS-AN3258 Datasheet
180Kb / 16P
   Local interconnect network
logo
Freescale Semiconductor...
33661 FREESCALE-33661 Datasheet
542Kb / 21P
   Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
logo
Texas Instruments
TLIN1027-Q1 TI1-TLIN1027-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TLIN1027-Q1 Local Interconnect Network (LIN) Transceiver
TLIN1028-Q1 TI1-TLIN1028-Q1_V01 Datasheet
1Mb / 35P
[Old version datasheet]   TLIN1028-Q1 Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator
TLIN2441-Q1 TI1-TLIN2441-Q1 Datasheet
1Mb / 55P
[Old version datasheet]   Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator and Watchdog
TLIN1441-Q1 TI1-TLIN1441-Q1 Datasheet
1Mb / 55P
[Old version datasheet]   Automotive Local Interconnect Network (LIN) Transceiver with Integrated Voltage Regulator and Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com