Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EK1-BRCKT-WALL Datasheet(PDF) 4 Page - Red Lion Controls. Inc

Part # EK1-BRCKT-WALL
Description  Layer 2 Industrial Ethernet Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

EK1-BRCKT-WALL Datasheet(HTML) 4 Page - Red Lion Controls. Inc

  EK1-BRCKT-WALL Datasheet HTML 1Page - Red Lion Controls. Inc EK1-BRCKT-WALL Datasheet HTML 2Page - Red Lion Controls. Inc EK1-BRCKT-WALL Datasheet HTML 3Page - Red Lion Controls. Inc EK1-BRCKT-WALL Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our award-winning
technology enables companies worldwide to gain real-time data
visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the
company has offices across the Americas, Asia-Pacific and Europe.
For more information, please visit www.redlion.net. Red Lion is a
Spectris company.
w w w .r edlion.net
Connect. Monitor. Control.
ADLD0162 052714 © 2014 Red Lion Controls
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
EL228 Layer 2 Industrial Ethernet Switch Specifications
CONNECT. MONITOR. CONTROL.
www.redlion.net/sixnet
+1 (518) 877-5173 | info@redlion.net
© 2012 Red Lion Controls. All Rights Reserved. MAY2014
EL228 Layer 2 Industrial Ethernet Switch
ExtremeLine Industrial Connectivity
SFP TRANSCEIVERS
SPEED
MODE
NOM. MAXIMUM
DISTANCE
PORT
COMPATIBILITY
FCOPPER-SFP-100
10 / 100 Mbps
Cooper RJ45
100 meters
Ports 1 thru 24
FMFIBER-SFP-2K
100 Mbps
Multimode
2 kilometers
Ports 1 thru 26
FMFIBER-SFP-4K
100 Mbps
Multimode
4 kilometers
Ports 1 thru 26
FSFIBER-SFP-30K
100 Mbps
Singlemode
30 kilometers
Ports 1 thru 26
FSFIBER-SFP-60K
100 Mbps
Singlemode
60 kilometers
Ports 1 thru 26
FSFIBER-SFP-100
100 Mbps
Singlemode
100 kilometers
Ports 1 thru 26
GMFIBER-SFP-500
Gigabit
Multimode
550 meters
Ports 25 and 26
GMFIBER-SFP-2K
Gigabit
Multimode
2 kilometers
Ports 25 and 26
GSFIBER-SFP-10K
Gigabit
Singlemode
10 kilometers
Ports 25 and 26
GSFIBER-SFP-30K
Gigabit
Singlemode
30 kilometers
Ports 25 and 26
GSFIBER-SFP-50K
Gigabit
Singlemode
50 kilometers
Ports 25 and 26
GSFIBER-SFP-80K
Gigabit
Singlemode
80 kilometers
Ports 25 and 26
SELECTION GUIDES
MODEL
DESCRIPTION
EL228-A0-1
with single universal VAC/VDC power input
EL228-AA-1
with dual universal VAC/VDC power supplies built in (with load share operation **)
EL228-D0-1
with single 24/48 VDC power input
EL228-DD-1
with dual 24/48 VDC power supplies built in (with load share operation **)
**See user manual for more details
ACCESSORIES MODEL
DESCRIPTION
EK1-BRCKT-19
Set (2) of 1U 19” brackets (one set included with each switch)
EK1-BRCKT-23
Set (2) of 1U 23” EIA/WECO
EK1-BRCKT-2324
Set (2) of 1U 23/24” EIA/WECO
EK1-BRCKT-ETSI
Set (2) of 1U 536 mm ETSI brackets
EK1-BRCKT-WALL
Set (2) of wall brackets
About Red Lion
As the global experts in
communication, monitoring
and control for industrial
automation, Red Lion has been
delivering innovative solutions
to customers for forty years.
Our award-winning technology
enables companies worldwide
to gain real-time data visibility
that drives productivity. Product
brands include Red Lion, Sixnet
and N-Tron. With headquarters in
York, Pennsylvania, the company
has offices across the Americas,
Asia-Pacific and Europe. Red Lion
is a Spectris company.
For more information,
visit www.redlion.net/sixnet,
call +1 (518) 877-5173 or
email info@redlion.net
CONNECT. MONITOR. CONTROL.
www.redlion.net/sixnet
+1 (518) 877-5173 | info@redlion.net
© 2012 Red Lion Controls. All Rights Reserved. MAY2014
EL228 Layer 2 Industrial Ethernet Switch
ExtremeLine Industrial Connectivity
SFP TRANSCEIVERS
SPEED
MODE
NOM. MAXIMUM
DISTANCE
PORT
COMPATIBILITY
FCOPPER-SFP-100
10 / 100 Mbps
Cooper RJ45
100 meters
Ports 1 thru 24
FMFIBER-SFP-2K
100 Mbps
Multimode
2 kilometers
Ports 1 thru 26
FMFIBER-SFP-4K
100 Mbps
Multimode
4 kilometers
Ports 1 thru 26
FSFIBER-SFP-30K
100 Mbps
Singlemode
30 kilometers
Ports 1 thru 26
FSFIBER-SFP-60K
100 Mbps
Singlemode
60 kilometers
Ports 1 thru 26
FSFIBER-SFP-100
100 Mbps
Singlemode
100 kilometers
Ports 1 thru 26
GMFIBER-SFP-500
Gigabit
Multimode
550 meters
Ports 25 and 26
GMFIBER-SFP-2K
Gigabit
Multimode
2 kilometers
Ports 25 and 26
GSFIBER-SFP-10K
Gigabit
Singlemode
10 kilometers
Ports 25 and 26
GSFIBER-SFP-30K
Gigabit
Singlemode
30 kilometers
Ports 25 and 26
GSFIBER-SFP-50K
Gigabit
Singlemode
50 kilometers
Ports 25 and 26
GSFIBER-SFP-80K
Gigabit
Singlemode
80 kilometers
Ports 25 and 26
SELECTION GUIDES
MODEL
DESCRIPTION
EL228-A0-1
with single universal VAC/VDC power input
EL228-AA-1
with dual universal VAC/VDC power supplies built in (with load share operation **)
EL228-D0-1
with single 24/48 VDC power input
EL228-DD-1
with dual 24/48 VDC power supplies built in (with load share operation **)
**See user manual for more details
ACCESSORIES MODEL
DESCRIPTION
EK1-BRCKT-19
Set (2) of 1U 19” brackets (one set included with each switch)
EK1-BRCKT-23
Set (2) of 1U 23” EIA/WECO
EK1-BRCKT-2324
Set (2) of 1U 23/24” EIA/WECO
EK1-BRCKT-ETSI
Set (2) of 1U 536 mm ETSI brackets
EK1-BRCKT-WALL
Set (2) of wall brackets
About Red Lion
As the global experts in
communication, monitoring
and control for industrial
automation, Red Lion has been
delivering innovative solutions
to customers for forty years.
Our award-winning technology
enables companies worldwide
to gain real-time data visibility
that drives productivity. Product
brands include Red Lion, Sixnet
and N-Tron. With headquarters in
York, Pennsylvania, the company
has offices across the Americas,
Asia-Pacific and Europe. Red Lion
is a Spectris company.
For more information,
visit www.redlion.net/sixnet,
call +1 (518) 877-5173 or
email info@redlion.net


Similar Part No. - EK1-BRCKT-WALL

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EK11 APEX-EK11 Datasheet
159Kb / 2P
   EVALUATION KIT FOR PA90, PA91, PA98
logo
Sanken electric
EK12 SANKEN-EK12 Datasheet
19Kb / 1P
   Schottky Barrier Diodes 20V
logo
Peregrine Semiconductor
EK128300-01 PSEMI-EK128300-01 Datasheet
147Kb / 3P
   Dual-channel Up-Down Converter, 24.25–29.50 GHz
05/2022
logo
Sanken electric
EK13 SANKEN-EK13 Datasheet
43Kb / 2P
   Schottky Barrier Diodes
EK13 SANKEN-EK13 Datasheet
75Kb / 2P
   Schottky Barrier Diodes
More results

Similar Description - EK1-BRCKT-WALL

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
EL326-A0-1 REDLION-EL326-A0-1 Datasheet
1Mb / 4P
   Layer 3 Industrial Ethernet Switch
logo
List of Unclassifed Man...
HEST12LM ETC2-HEST12LM Datasheet
341Kb / 3P
   Industrial Ethernet Layer-3 Core Switch
logo
Vitesse Semiconductor C...
VSC7420-04 VITESSE-VSC7420-04 Datasheet
296Kb / 2P
   10-Port Layer 2 Gigabit Ethernet Switch
VSC7422-04 VITESSE-VSC7422-04 Datasheet
299Kb / 2P
   25-Port Layer 2 Gigabit Ethernet Switch
logo
Microsemi Corporation
VSC7511 MICROSEMI-VSC7511 Datasheet
4Mb / 324P
   4-Port Layer-2 Gigabit Ethernet Switch
logo
Weidmuller
2778970000 WEIDMULLER-2778970000 Datasheet
155Kb / 4P
   Layer 2 Network Switch, managed, Gigabit Ethernet
November 4, 2021
2778980000 WEIDMULLER-2778980000 Datasheet
156Kb / 4P
   Layer 2 Network Switch, managed, Gigabit Ethernet
November 4, 2021
logo
Broadcom Corporation.
BCM5698 BOARDCOM-BCM5698 Datasheet
115Kb / 2P
   12-PORT GIGABIT ETHERNET LAYER 2 SWITCH
logo
Vitesse Semiconductor C...
VSC7421-04 VITESSE-VSC7421-04 Datasheet
299Kb / 2P
   17-Port Layer 2 Gigabit Ethernet Switch
logo
ORing Industrial Networ...
IGS-R9812GP ORING-IGS-R9812GP Datasheet
1Mb / 5P
   Industrial Layer-3 20-port managed Gigabit Ethernet switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com