Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMNH6012LK3 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMNH6012LK3
Description  60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6012LK3 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMNH6012LK3 Datasheet HTML 1Page - Diodes Incorporated DMNH6012LK3 Datasheet HTML 2Page - Diodes Incorporated DMNH6012LK3 Datasheet HTML 3Page - Diodes Incorporated DMNH6012LK3 Datasheet HTML 4Page - Diodes Incorporated DMNH6012LK3 Datasheet HTML 5Page - Diodes Incorporated DMNH6012LK3 Datasheet HTML 6Page - Diodes Incorporated DMNH6012LK3 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMNH6012LK3
Document number: DS37381 Rev. 3 - 2
5 of 7
www.diodes.com
October 2015
© Diodes Incorporated
DMNH6012LK3
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
1000
t1, PULSE DURATION TIME (sec)
Figure 14. Transient Thermal Resistance
RθJA (t)=r(t) * RθJA
RθJA=73.5℃/W
Duty Cycle, D=t1 / t2
D=Single Pulse
D=0.005
D=0.01
D=0.02
D=0.05
D=0.1
D=0.3
D=0.5
D=0.7
D=0.9
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 13. SOA, Safe Operation Area
T
J(MAX)=175℃
T
C=25℃
Single Pulse
DUT on 1*MRP board
V
GS=10V
R
DS(ON) Limited
DC
P
W=10s
P
W=1s
P
W=100ms
P
W=10ms
P
W=1ms


Similar Part No. - DMNH6012LK3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DMNH6012LK3 ISC-DMNH6012LK3 Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
DMNH6012LK3Q DIODES-DMNH6012LK3Q Datasheet
492Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH6012LK3Q-13 DIODES-DMNH6012LK3Q-13 Datasheet
492Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMNH6012LK3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH6012LK3Q DIODES-DMNH6012LK3Q Datasheet
492Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH6042SK3 DIODES-DMNH6042SK3 Datasheet
402Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH6042SK3Q DIODES-DMNH6042SK3Q Datasheet
356Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH6042SPDQ DIODES-DMNH6042SPDQ Datasheet
637Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH6042SPD DIODES-DMNH6042SPD Datasheet
562Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH6022SSDQ DIODES-DMNH6022SSDQ Datasheet
321Kb / 7P
   60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH6042SPS DIODES-DMNH6042SPS Datasheet
543Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMTH6016LPSQ DIODES-DMTH6016LPSQ Datasheet
419Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMNH6021SPDQ DIODES-DMNH6021SPDQ Datasheet
472Kb / 7P
   60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
DMNH6021SPD DIODES-DMNH6021SPD Datasheet
458Kb / 7P
   60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com