Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMFIBER-SFP-2K Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # GMFIBER-SFP-2K
Description  Layer 2 Industrial Ethernet Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

GMFIBER-SFP-2K Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  GMFIBER-SFP-2K Datasheet HTML 1Page - Red Lion Controls. Inc GMFIBER-SFP-2K Datasheet HTML 2Page - Red Lion Controls. Inc GMFIBER-SFP-2K Datasheet HTML 3Page - Red Lion Controls. Inc GMFIBER-SFP-2K Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EL228 Layer 2 Industrial Ethernet Switch Specifications
All specifications are subject to change. Contact Sixnet to learn more.
• Switching capacity and forwarding rate: 12.8 Gbps/9.5 Mpps
• Jumbo frame: 10K on Gigabit ports
• Ethernet isolation: 1500 Vrms 1 minute
Switching Features
• Flow control: IEEE 802.3x (Full Duplex) and Back-Pressure
(Half Duplex)
• Spanning Tree Protocol (STP per IEEE 802.1D) plus
– IEEE 802.1w Rapid Spanning Tree Protocol (RSTP)
– IEEE 802.1s Multiple Spanning Tree Protocol (MSTP)
– BPDU forwarding and filtering
• Real-Time-Ring for high-speed, fault-tolerant rings
– Link loss recovery: 50ms/hop
– Switches in ring: <50 for best performance
– Multiple rings are supported (4 per switch)
• Virtual Local Area Networks (VLANs)
– 802.1Q tag-based with 256 VLANs and 4K VLAN ID
– 802.1v protocol and port-based VLAN
– Voice and Private VLAN
– GVRP and Q-in-Q (double tagging)
• Link Aggregation Control Protocol (LACP per IEEE 802.3ad)
– Static trunk (8 trunks and up to 8 ports per trunk)
– Traffic load balancing
• Internet Group Management Protocol (IGMP)
– IGMP v1, v2 and v3 with up to 255 multicast groups
– IGMP snooping and querying
– Immediate leave and leave proxy
– Throttling and filtering
• Multicast VLAN Registration (MVR)
• IEEE 802.1ab Link layer Discovery Protocol (LLDP)
• Quality of Service (QoS) with 4 priority queues
– Scheduling schemes: WRR and Strict priority
– CoS per IEEE 802.1p and IP DSCP-based
– DiffServ (DS): ingress, egress and remarking
• Rate limiting (ingress and egress)
– 64Kbps to 100/1000 Mbps
– Per port CoS
Security
• Enable/disable ports
• Port security (MAC-based): static and dynamic
• DHCP Snooping and Option 82
• IP Source Guard
• IEEE 802.1X Network Access Control
– Port-based with single or multiple host mode
– Authentication: EAP-MD5, PEAP, TLS, TTLS
– MAC and web authentication
– Guest VLAN and Auto VLAN assignment
• RADIUS and TACACS+ AAA
– Authentication, Accounting and Authorization
– 5 servers for RADIUS, 1 server for TACACS+
– Encryption: MD5, TLS, TTLS, TACACS+ AAA/3.0
• Access Control List (ACL)
– IP and MAC-based
– VLAN and TCP/UDP port
• Storm Control for broadcast and multicast messages
• HTTPS/SSL for secure Web access
• SSH v1.5/2.0 for secure Telnet access
• SNMPv3 authentication and encryption
• Username and password authentication
• Management access filtering
Management & Monitoring
• IP Address assignment: Static, DHCP and BOOTP
• CLI (Command Line Interface) via console or Telnet
• Web interface (HTTP/HTTPS/SSL)
• SNMP v1, v2, v3 (Simple Network Management Protocol)
• SNMP Traps for event notification
• RMON I (Remote Monitoring): Groups 1, 2, 3 and 9
• sFlow network-wide traffi c monitoring
• Dual firmware update system
• Configuration download and upload
• Software upgrade via TFTP
• Port mirroring
• Event/Error/System log
– Local flash
– Remote server via system log (Syslog RFC 3164)
– SMTP (RFC 821) email alarming
• Network Time Protocol for time synchronization
– SNTP (RFC 2030) and NTP (RFC 1305)
• DNS (Domain Name Server) client
• Universal Plug and Play (UPnP)
• IEEE 802.3ah OAM (Operational Administration Maintenance)
• Banner commands
Power Input & Alarm Output
• Dual-redundant internal power input option
• 10-pole screw block can be positioned in front or back
• Power input options:
+/- 24-48 VDC, (D option)(absolute min & max): +/- 18-75 VDC
+/- 110-250 VDC or 100-240 VAC (50/60 Hz)(A option),
(absolute min & max): +/- 90-300 VDC or 85-264 VAC
• Power consumption: 60 Watts typ. with all ports linked
• Protection: current overload and reverse polarity
• Alarm output: form -C relay (NO and NC contacts)
– Max. voltage: 250 VAC, 30 VDC
– Max. current: 2A @ 30 VDC or 250 VAC
Mechanical
• Universal mounting (Sixnet exclusive feature - patent pending)
– Front or rear/reverse wiring with power in front or back
– 1U rack mount (19” brackets included)
– Optional 23”, 24”, EIA, WECO, ETSI and wall brackets available
• Ingress protection: IP50 sealed from dust and contaminants
• Heavy-gauge corrosion-resistant metal enclosure
• Dimensions (HxWxD): 1.75(1U)x17.3x12’ (45x439x305mm)
• Weight (typical): 9.5 lbs (4.3 kg)
Environmental
• Operating/storage temperature: designed and tested from -40° to
+85°C
per IEC 60068-2-1/2
• Humidity: 5 to 95% RH (non-condensing) per IEC 60068-2-30
• Vibration: 20mm/s from 1 to 150 Hz per IEEE 1613 Class V.S.3
• Vibration: Amp: 3mm from 2-9 Hz, 1g from 9-200Hz, 1.5g from
200-500 Hz per IEC 61850-3
• Shock: 30g @ 11ms per IEC 61850-3, free-fall: 250mm distance
Standards & Compliance
• Power Systems: IEC61850-3, IEC60870-2-1/2; IEEE1613
– KEMA tested and approved
• Traffic Control: NEMA TS-2
– EL228-AA-1 and EL228-A0-1
• Railway Systems: EN50155 & EN50121-4
– EL228-AA-1 and EL228-A0-1
• Safety: UL508 / CSA C22.2 No.142 / EN61010-1 / CE
• Hazardous Locations: ISA12.12.01/CSA C22.2 No.213 (C 1, Div 2,
Grps A, B, C, D)
– EL228-AA-1 and EL228-A0-1 models, T3C@60C (Ambient)
– EL228-DD-1 and EL228-D0-1 models, T4@60C (Ambient)
• ATEX: EL228-DD-1 and EL228-D0-1 only (Zone 2, Cat3, T4@60C)
• EMC: IEEE c37.90.1/2/3, IEC61000-6-2, IEC61000-6-4, IEC/
TS61000-6-5, IEC60870-2-1, IEC61000-4 Series, FCC Part 15,
EN55022/CISPR22, CE
• Dielectric and Impulse: IEC60255-5 & C37.90
• RoHS, WEEE and REACH compliant
• MTBF: >200,000 hours GB @ +40°C per MIL-HNDBK-217F2
Warranty
• 5 years on design and manufacturing defects


Similar Part No. - GMFIBER-SFP-2K

ManufacturerPart #DatasheetDescription
logo
SIXNET Technology Park
GMFIBER-SFP-2K SIXNET-GMFIBER-SFP-2K Datasheet
1Mb / 2P
   INDUSTRIAL ETHERNET GIGABIT FIBER TRANSCEIVERS
logo
Red Lion Controls. Inc
GMFIBER-SFP-2K REDLION-GMFIBER-SFP-2K Datasheet
704Kb / 2P
   SlimLine Plus Gigabit Industrial Connectivity
GMFIBER-SFP-2K REDLION-GMFIBER-SFP-2K Datasheet
359Kb / 2P
   SlimLine Plus Gigabit Industrial Connectivity
GMFIBER-SFP-2K REDLION-GMFIBER-SFP-2K Datasheet
1Mb / 4P
   ExtremeLine Managed Industrial Connectivity
More results

Similar Description - GMFIBER-SFP-2K

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
EL326-A0-1 REDLION-EL326-A0-1 Datasheet
1Mb / 4P
   Layer 3 Industrial Ethernet Switch
logo
List of Unclassifed Man...
HEST12LM ETC2-HEST12LM Datasheet
341Kb / 3P
   Industrial Ethernet Layer-3 Core Switch
logo
Vitesse Semiconductor C...
VSC7420-04 VITESSE-VSC7420-04 Datasheet
296Kb / 2P
   10-Port Layer 2 Gigabit Ethernet Switch
VSC7422-04 VITESSE-VSC7422-04 Datasheet
299Kb / 2P
   25-Port Layer 2 Gigabit Ethernet Switch
logo
Microsemi Corporation
VSC7511 MICROSEMI-VSC7511 Datasheet
4Mb / 324P
   4-Port Layer-2 Gigabit Ethernet Switch
logo
Weidmuller
2778970000 WEIDMULLER-2778970000 Datasheet
155Kb / 4P
   Layer 2 Network Switch, managed, Gigabit Ethernet
November 4, 2021
2778980000 WEIDMULLER-2778980000 Datasheet
156Kb / 4P
   Layer 2 Network Switch, managed, Gigabit Ethernet
November 4, 2021
logo
Broadcom Corporation.
BCM5698 BOARDCOM-BCM5698 Datasheet
115Kb / 2P
   12-PORT GIGABIT ETHERNET LAYER 2 SWITCH
logo
Vitesse Semiconductor C...
VSC7421-04 VITESSE-VSC7421-04 Datasheet
299Kb / 2P
   17-Port Layer 2 Gigabit Ethernet Switch
logo
ORing Industrial Networ...
IGS-R9812GP ORING-IGS-R9812GP Datasheet
1Mb / 5P
   Industrial Layer-3 20-port managed Gigabit Ethernet switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com