Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMNH6022SSDQ-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMNH6022SSDQ-13
Description  60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6022SSDQ-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMNH6022SSDQ-13 Datasheet HTML 1Page - Diodes Incorporated DMNH6022SSDQ-13 Datasheet HTML 2Page - Diodes Incorporated DMNH6022SSDQ-13 Datasheet HTML 3Page - Diodes Incorporated DMNH6022SSDQ-13 Datasheet HTML 4Page - Diodes Incorporated DMNH6022SSDQ-13 Datasheet HTML 5Page - Diodes Incorporated DMNH6022SSDQ-13 Datasheet HTML 6Page - Diodes Incorporated DMNH6022SSDQ-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMNH6022SSDQ
Document number: DS38694 Rev. 4 - 2
2 of 7
www.diodes.com
August 2016
© Diodes Incorporated
DMNH6022SSDQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current VGS = 10V (Note 7)
TC = +25°C
TC = +100°C
ID
22.6
16.0
A
TA = +25°C
TA = +70°C
ID
7.1
5.9
A
Pulsed Drain Current (10
μs pulse, duty cycle = 1%)
IDM
45
A
Maximum Continuous Body Diode Forward Current (Note 7)
IS
2
A
Avalanche Current L = 0.1mL (Note 8)
IAS
22
A
Avalanche Energy L = 0.1mL (Note 8)
EAS
24
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.5
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
104
°C/W
t<10s
60
Total Power Dissipation (Note 7)
TA = +25°C
PD
2.1
W
Thermal Resistance, Junction to Ambient (Note 7)
Steady State
RθJA
74
°C/W
t<10s
42
Thermal Resistance, Junction to Case (Note 7)
RθJC
7.25
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
1
µA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(TH)
1.0
3.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
21
27
m
VGS = 10V, ID = 5A
24
30
VGS = 6V, ID = 5A
Diode Forward Voltage
VSD
0.8
1.2
V
VGS = 0V, IS = 1.7A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
2127
pF
VDS = 25V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
86
pF
Reverse Transfer Capacitance
Crss
54
pF
Gate Resistance
Rg
2.0
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge at (VGS = 10V)
Qg
32
nC
VDS = 30V, ID = 6A
Total Gate Charge at (VGS = 4.5V)
Qg
14
nC
Gate-Source Charge
Qgs
7
nC
Gate-Drain Charge
Qgd
4
nC
Turn-On Delay Time
tD(ON)
5.4
ns
VGS = 10V, VDS = 30V,
RG = 6Ω, ID = 1A
Turn-On Rise Time
tR
4.4
ns
Turn-Off Delay Time
tD(OFF)
30.4
ns
Turn-Off Fall Time
tF
8.4
ns
Body Diode Reverse Recovery Time
tRR
18.1
ns
IF = 1.7A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
12.5
nC
IF = 1.7A, di/dt = 100A/μs
Notes:
6. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
7. Device mounted on FR-4 substrate PC board, 2oz copper, with 1-inch square copper plate.
8. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMNH6022SSDQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH6022SSD DIODES-DMNH6022SSD Datasheet
386Kb / 7P
   60V DUAL N-CHANNEL 175째C MOSFET
DMNH6022SSD-13 DIODES-DMNH6022SSD-13 Datasheet
386Kb / 7P
   60V DUAL N-CHANNEL 175째C MOSFET
More results

Similar Description - DMNH6022SSDQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH6012LK3Q DIODES-DMNH6012LK3Q Datasheet
492Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH6042SK3 DIODES-DMNH6042SK3 Datasheet
402Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH6042SK3Q DIODES-DMNH6042SK3Q Datasheet
356Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH6042SPDQ DIODES-DMNH6042SPDQ Datasheet
637Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH6012LK3 DIODES-DMNH6012LK3 Datasheet
615Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH6021SPD DIODES-DMNH6021SPD Datasheet
458Kb / 7P
   60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
DMNH6021SPDQ DIODES-DMNH6021SPDQ Datasheet
472Kb / 7P
   60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
DMNH6042SPD DIODES-DMNH6042SPD Datasheet
562Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH6042SPS DIODES-DMNH6042SPS Datasheet
543Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMTH6016LPSQ DIODES-DMTH6016LPSQ Datasheet
419Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com