Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMT3002LPS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMT3002LPS
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT3002LPS Datasheet(HTML) 3 Page - Diodes Incorporated

  DMT3002LPS Datasheet HTML 1Page - Diodes Incorporated DMT3002LPS Datasheet HTML 2Page - Diodes Incorporated DMT3002LPS Datasheet HTML 3Page - Diodes Incorporated DMT3002LPS Datasheet HTML 4Page - Diodes Incorporated DMT3002LPS Datasheet HTML 5Page - Diodes Incorporated DMT3002LPS Datasheet HTML 6Page - Diodes Incorporated DMT3002LPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMT3002LPS
Document number: DS38283 Rev. 4 - 2
3 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMT3002LPS
0.0
20.0
40.0
60.0
80.0
100.0
0
0.5
1
1.5
2
2.5
3
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS = 2.2V
V
GS = 2.5V
V
GS = 3.0V
V
GS = 10.0V
V
GS = 4.5V
V
GS = 3.5V
V
GS = 4.0V
0.00
1.00
2.00
3.00
4.00
0
20
40
60
80
100
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current and
Gate Voltage
V
GS = 4.5V
V
GS = 10V
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Temperature
V
GS = 10V, ID = 25A
V
GS = 4.5V, ID = 25A
0
5
10
15
20
25
30
1
1.5
2
2.5
3
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS = 5.0V
-55
25
85
125
150
0
0.0005
0.001
0.0015
0.002
0.0025
0.003
0
5
10
15
20
25
30
I
D, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs. Drain Current and
Temperature
25
85
150
125
V
GS = 10V
-55
0
2
4
6
8
10
0
4
8
12
16
20
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
D = 25A


Similar Part No. - DMT3002LPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT3002LPS DIODES-DMT3002LPS Datasheet
467Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT3002LPS-13 DIODES-DMT3002LPS-13 Datasheet
467Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT3002LPS DIODES-DMT3002LPS_17 Datasheet
467Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMT3002LPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG7410SFGQ DIODES-DMG7410SFGQ Datasheet
509Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
December 2014 Rev. 1 - 2
DMN6069SFG DIODES-DMN6069SFG_16 Datasheet
433Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMN6013LFGQ DIODES-DMN6013LFGQ Datasheet
521Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMT6004LPS DIODES-DMT6004LPS Datasheet
514Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
DMNH6042SPS DIODES-DMNH6042SPS Datasheet
543Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMTH6016LPSQ DIODES-DMTH6016LPSQ Datasheet
419Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMNH4011SPS DIODES-DMNH4011SPS Datasheet
380Kb / 7P
   40V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMTH10H015LPS DIODES-DMTH10H015LPS Datasheet
564Kb / 7P
   100V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
DMN10H099SFGQ DIODES-DMN10H099SFGQ Datasheet
285Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI®
January 2015 Rev. 1 - 2
DMNH6021SPDQ DIODES-DMNH6021SPDQ Datasheet
472Kb / 7P
   60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com