Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMT3003LFG Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMT3003LFG
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT3003LFG Datasheet(HTML) 2 Page - Diodes Incorporated

  DMT3003LFG Datasheet HTML 1Page - Diodes Incorporated DMT3003LFG Datasheet HTML 2Page - Diodes Incorporated DMT3003LFG Datasheet HTML 3Page - Diodes Incorporated DMT3003LFG Datasheet HTML 4Page - Diodes Incorporated DMT3003LFG Datasheet HTML 5Page - Diodes Incorporated DMT3003LFG Datasheet HTML 6Page - Diodes Incorporated DMT3003LFG Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMT3003LFG
Document number: DS37819 Rev. 2 - 2
2 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMT3003LFG
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
TC = +25°C
TC = +70°C
ID
100
90
A
Continuous Drain Current (Note 5) VGS = 10V
TA = +25°C
TA = +70°C
ID
22
18
A
Maximum Continuous Body Diode Forward Current (Note 5)
IS
3
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
100
A
Avalanche Current, L=1mH
IAS
16
A
Avalanche Energy, L=1mH
EAS
250
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
2.4
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
52
°C/W
Total Power Dissipation (Note 5)
TC = +25°C
PD
62
W
Thermal Resistance, Junction to Case (Note 6)
RθJC
2
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
30
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS = 24V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = +20V, VDS = 0V
VGS = -16V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
1
3
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
2.4
3.2
m
VGS = 10V, ID = 20A
4
5.5
VGS = 4.5V, ID = 15A
Diode Forward Voltage
VSD
0.75
1
V
VGS = 0V, IS = 10A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
CISS
2,370
pF
VDS = 15V, VGS = 0V,
f = 1MHz
Output Capacitance
COSS
1,360
Reverse Transfer Capacitance
CRSS
240
Gate Resistance
RG
0.6
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
QG
20
nC
VDS = 15V, ID = 20A
Total Gate Charge (VGS = 10V)
QG
44
Gate-Source Charge
QGS
7
Gate-Drain Charge
QGD
8
Turn-On Delay Time
tD(ON)
6.2
ns
VDD = 15V, VGS = 10V,
RL = 0.75Ω, RG = 3Ω, ID = 20A
Turn-On Rise Time
tR
4.3
Turn-Off Delay Time
tD(OFF)
21
Turn-Off Fall Time
tF
8
Bodyy Diode Reverse Recovery Time
tRR
25
ns
IF = 15A, di/dt = 500A/μs
Body Diode Reverse Recovery Charge
QRR
37
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1-inch square copper plate.
6. Thermal resistance from junction to soldering point (on the exposed drain pad).
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMT3003LFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT3003LFGQ DIODES-DMT3003LFGQ Datasheet
438Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
March 2018 Rev. 1 - 2
DMT3003LFGQ-13 DIODES-DMT3003LFGQ-13 Datasheet
438Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
March 2018 Rev. 1 - 2
DMT3003LFGQ-7 DIODES-DMT3003LFGQ-7 Datasheet
438Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
March 2018 Rev. 1 - 2
More results

Similar Description - DMT3003LFG

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJ4812 PANJIT-PJ4812_09 Datasheet
379Kb / 5P
   30V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com