Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMT3003LFG-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMT3003LFG-7
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT3003LFG-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMT3003LFG-7 Datasheet HTML 1Page - Diodes Incorporated DMT3003LFG-7 Datasheet HTML 2Page - Diodes Incorporated DMT3003LFG-7 Datasheet HTML 3Page - Diodes Incorporated DMT3003LFG-7 Datasheet HTML 4Page - Diodes Incorporated DMT3003LFG-7 Datasheet HTML 5Page - Diodes Incorporated DMT3003LFG-7 Datasheet HTML 6Page - Diodes Incorporated DMT3003LFG-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMT3003LFG
Document number: DS37819 Rev. 2 - 2
3 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMT3003LFG
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.5
1
1.5
2
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS = 2.8V
V
GS = 4.0V
V
GS = 10.0V
V
GS = 4.5V
V
GS = 3.5V
V
GS = 2.5V
V
GS = 2.2V
V
GS = 3.0V
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
-55oC
25oC
85oC
150oC
125oC
V
DS = 5V
0
0.001
0.002
0.003
0.004
0.005
0.006
0
5
10
15
20
25
30
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current and
Gate Voltage
V
GS = 4.5V
V
GS = 10V
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0
2
4
6
8
10
12
14
16
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
D = 20A
0
0.001
0.002
0.003
0.004
0.005
0
5
10
15
20
25
30
I
D, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs. Drain Current and
Junction Temperature
V
GS = 10V
150oC
125oC
-55oC
25oC
85oC
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Junction
Temperature
V
GS = 10V, ID = 20A
V
GS = 4.5V, ID = 15A


Similar Part No. - DMT3003LFG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT3003LFGQ DIODES-DMT3003LFGQ Datasheet
438Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
March 2018 Rev. 1 - 2
DMT3003LFGQ-13 DIODES-DMT3003LFGQ-13 Datasheet
438Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
March 2018 Rev. 1 - 2
DMT3003LFGQ-7 DIODES-DMT3003LFGQ-7 Datasheet
438Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
March 2018 Rev. 1 - 2
More results

Similar Description - DMT3003LFG-7

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJ4812 PANJIT-PJ4812_09 Datasheet
379Kb / 5P
   30V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com