Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

714FX6 Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # 714FX6
Description  Managed Industrial Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

714FX6 Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  714FX6 Datasheet HTML 1Page - Red Lion Controls. Inc 714FX6 Datasheet HTML 2Page - Red Lion Controls. Inc 714FX6 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
714FX6 Specifications
ORDERING INFORMATION
PART NUMBER
DESCRIPTION
714FX6-XX.................................................... 14-port (8 10/100BaseTX, 6 100BaseFX Fiber Ports, Fully Managed Industrial Ethernet Switch, DIN-Rail
14FXE6-XX-YY.............................................. 14-port (8 10/100BaseTX, 6 100BaseFX Fiber Ports, Fully Managed Industrial Ethernet Switch, singlemode, DIN-Rail
NTCD128....................................................... Optional conguration card for backup / restore
NTPS-24-1.3 ................................................. N-TRON Power Supply - (1.3 Amp @ 24 VDC)
CPMA-2......................................................... Compact panel mount (factory installed option only)
URMK............................................................ Universal Rack Mount Kit
Where:
N = N-View Firmware Option
E = Singlemode
XX = ST for ST style ber connector, SC for SC style ber connector
YY = Segment length:
15 for 15km max. ber segment length
40 for 40km max. ber segment length
80 for 80km max. ber segment length
Mixed ber congurations available.
714FX6
® 2011 N-TRON Corporation. N-Tron and the N-Tron logo are trademarks of N-TRON, Corporation. Product names mentioned herein are for identication purposes only and may
be trademarks and/or registered trademarks of their respective company. The responsibility for the use and application of N-Tron products rests with the end user. N-Tron makes no
warranties as to the tness or suitability of any N-Tron product for any specic application. N-Tron Corporation shall not be liable for any damage resulting from the installation, use, or
misuse of this product. Specications subject to change without notice. REV 2011.03.22
please visit us worldwide at www.n-tron.com
N-TRON USA & Corporate Headquarters
820 S. University Blvd • Suite 4E
Mobile, AL 36609 • USA
Phone +1-251-342-2164
Fax
+1-251-342-6353
www.n-tron.com
N-TRON ASIA PACIFIC
CHINA
Phone
+86 (0) 21-6113-3688
Fax
+86 (0) 21-6113-3683
INDIA
Phone
+91-9844-876540
SINGAPORE
Phone
+65-8118-6821
N-TRON EMEA
Phone +41-41-740-6636
Fax
+41-41-740-6637
N-TRON UK/IRELAND/NORDIC/BENELUX
Phone +44 (0) 1928-577257
www.n-tron.com
714FX6
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
ADLD0281 080116 © 2016 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.


Similar Part No. - 714FX6

ManufacturerPart #DatasheetDescription
logo
ebm-papst
714F EBMPAPST-714F Datasheet
290Kb / 4P
   DC axial compact fan
714F EBMPAPST-714F_16 Datasheet
391Kb / 4P
   DC axial compact fan
More results

Similar Description - 714FX6

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
7012FX2 REDLION-7012FX2 Datasheet
377Kb / 3P
   Managed Industrial Ethernet Switch
7010TX REDLION-7010TX Datasheet
804Kb / 3P
   Managed Industrial Ethernet Switch
716FX2 REDLION-716FX2 Datasheet
607Kb / 3P
   Managed Industrial Ethernet Switch
7506GX2 REDLION-7506GX2 Datasheet
596Kb / 3P
   Managed Industrial Ethernet Switch
712FX4 REDLION-712FX4 Datasheet
467Kb / 3P
   Managed Industrial Ethernet Switch
709FX-HV REDLION-709FX-HV Datasheet
352Kb / 3P
   Managed Industrial Ethernet Switch
709FX REDLION-709FX Datasheet
401Kb / 3P
   Managed Industrial Ethernet Switch
710FX2 REDLION-710FX2 Datasheet
400Kb / 3P
   Managed Industrial Ethernet Switch
708FX2 REDLION-708FX2 Datasheet
817Kb / 3P
   Managed Industrial Ethernet Switch
7018TX REDLION-7018TX Datasheet
828Kb / 3P
   Managed Industrial Ethernet Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com