Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

711FX3 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # 711FX3
Description  Managed Industrial Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

711FX3 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  711FX3 Datasheet HTML 1Page - Red Lion Controls. Inc 711FX3 Datasheet HTML 2Page - Red Lion Controls. Inc 711FX3 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
711FX3 Specifications
www.n-tron.com
711FX3
Specications
Switch Properties
Number of MAC Addresses:
8000
Aging Time:
Programmable
Latency Typical:
2.6 μs
Switching Method:
Store-and-Forward
Case Dimensions
Height:
4.3" (10.8 cm)
Width:
2.4" (6.1 cm)
Depth:
4.6" (11.5 cm)
Weight (max):
1.4 lbs (0.6 kg)
DIN-Rail Mount:
35mm
Electrical
Redundant Input Voltage:
10-49 VDC (Regulated)
Input Current (max):
455mA@24 VDC
BTU/hr:
37.27@24 VDC
N-TRON Power Supply:
NTPS-24-1.3 (1.3A@24V)
Environmental
Operating Temperature:
-40oC to 70oC
Storage Temperature:
-40oC to 85oC
Operating Humidity:
5% to 95% (Non Condensing)
Operating Altitude:
0 to 10,000 ft.
Shock and Vibration (bulkhead mounted)
Shock:
200g @ 10ms
Vibration/Seismic:
50g, 5-200Hz, Triaxial
Reliability
MTBF:
>2 Million Hours
Network Media
10BaseT:
≥Cat3 Cable
100BaseTX:
≥Cat5 Cable
Connectors
10/100BaseTX:
Eight (8) RJ-45 Copper Ports
100BaseFX:
Three (3) 100BaseFX Port, ST or SC Style
Recommended Wiring Clearance
Front:
4"
(10.16 cm)
Side:
1"
(2.54 cm)
Regulatory Approvals
FCC: Title 47, Part 15, Subpart B, Class A; ICES-003: Class A;
ANSI C63.4
CE: EN 61000-6-2, 4; IEC 61000-4-2, 3, 4, 5, 6, 8, 11
GOST-R Certied, RoHS Compliant
UL/cUL: UL 508 and ANSI/ISA-12.12.01-2007
Class I, Div 2, Groups A, B, C, and D; T4
Designed to comply with:
IEEE 1613 for Electric Utility Substations
NEMA TS1/ TS2 for Trafc control
IEC-61850
Fiber Transceiver Characteristics
Fiber Length
2km*
15km**
40km**
80km**
TX Power Min
-19dBm
-15dBm
-5dBm
-5dBm
RX Sensitivity Max
-31dBm
-31dBm
-34dBm
-34dBm
Wavelength
1310nm
1310nm
1310nm
1550nm
* Multimode Fiber Optic Cable
** Singlemode Fiber Optic Cable


Similar Part No. - 711FX3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
711 ETC2-711 Datasheet
214Kb / 1P
   Wiha Quality Tools Toll Free: (800) 494-6104
711 ETC2-711 Datasheet
346Kb / 1P
   Dura Torsion Insert and Power Bits
711 ETC2-711 Datasheet
452Kb / 2P
   Phillips Bits
logo
WECO ELECTRICAL CONNECT...
711 WECO-711 Datasheet
127Kb / 1P
   Motor terminal boards similar to DIN 46294
12.19
logo
Qualtek Electronics Cor...
711-00-00 QUALTEK-711-00-00 Datasheet
355Kb / 1P
   REWIRABLE PLUG ASSEMBLY
More results

Similar Description - 711FX3

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
7012FX2 REDLION-7012FX2 Datasheet
377Kb / 3P
   Managed Industrial Ethernet Switch
7010TX REDLION-7010TX Datasheet
804Kb / 3P
   Managed Industrial Ethernet Switch
716FX2 REDLION-716FX2 Datasheet
607Kb / 3P
   Managed Industrial Ethernet Switch
7506GX2 REDLION-7506GX2 Datasheet
596Kb / 3P
   Managed Industrial Ethernet Switch
714FX6 REDLION-714FX6 Datasheet
426Kb / 3P
   Managed Industrial Ethernet Switch
712FX4 REDLION-712FX4 Datasheet
467Kb / 3P
   Managed Industrial Ethernet Switch
709FX-HV REDLION-709FX-HV Datasheet
352Kb / 3P
   Managed Industrial Ethernet Switch
709FX REDLION-709FX Datasheet
401Kb / 3P
   Managed Industrial Ethernet Switch
710FX2 REDLION-710FX2 Datasheet
400Kb / 3P
   Managed Industrial Ethernet Switch
708FX2 REDLION-708FX2 Datasheet
817Kb / 3P
   Managed Industrial Ethernet Switch
7018TX REDLION-7018TX Datasheet
828Kb / 3P
   Managed Industrial Ethernet Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com