Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

517FX-XX Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # 517FX-XX
Description  Unmanaged Industrial Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

517FX-XX Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  517FX-XX Datasheet HTML 1Page - Red Lion Controls. Inc 517FX-XX Datasheet HTML 2Page - Red Lion Controls. Inc 517FX-XX Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
517FX-A Specifications
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our award-winning
technology enables companies worldwide to gain real-time data
visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the
company has offices across the Americas, Asia-Pacific and Europe.
For more information, please visit www.redlion.net. Red Lion is a
Spectris company.
w w w .r edlion.net
Connect. Monitor. Control.
ADLD0297 070313 ©2013 Red Lion Controls
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
ORDERING INFORMATION
PART NUMBER
DESCRIPTION
517FX-A-XX .............................................. 17-port (16 10/100BaseTX, 1 100BaseFX Fiber Uplink, Multimode) Industrial Ethernet Switch, DIN-Rail
with Advanced Management Features (includes N-View)
517FXE-A-XX-YY...................................... 17-port (16 10/100BaseTX, 1 100BaseFX Fiber Uplink, Singlemode) Industrial Ethernet Switch, DIN-Rail
with Advanced Management Features (includes N-View)
517FX-N-XX .............................................. 17-port (16 10/100BaseTX, 1 100BaseFX Fiber Uplink, Multimode) Industrial Ethernet Switch, DIN-Rail
with N-View OPC switch monitoring
517FXE-N-XX-YY...................................... 17-port (16 10/100BaseTX, 1 100BaseFX Fiber Uplink, Singlemode) Industrial Ethernet Switch, DIN-Rail
with N-View OPC switch monitoring
517FX-XX.................................................. 17-port (16 10/100BaseTX, 1 100BaseFX Fiber Uplink, Multimode) Industrial Ethernet Switch, DIN-Rail
517FXE-XX-YY.......................................... 17-port (16 10/100BaseTX, 1 100BaseFX Fiber Uplink, Singlemode) Industrial Ethernet Switch, DIN-Rail
NTPS-24-1.3.............................................. N-Tron Power Supply (1.3 amp @ 24 VDC)
900-PM...................................................... Panel Mount Kit - converts switch from DIN-rail to panel mount.
URMK........................................................ Universal Rack Mount Kit
Where:
A = Advanced Management Features (includes N-View)
N = N-View OPC Switch Monitoring
E = Singlemode
XX = ST for ST style ber connector, SC for SC style ber connector
YY = Segment length:
15 for 15km max. ber segment length
40 for 40km max. ber segment length
80 for 80km max. ber segment length
517FX2
® 2011 N-TRON Corporation. N-Tron and the N-Tron logo are trademarks of N-TRON, Corporation. Product names mentioned herein are for identication purposes only and may
be trademarks and/or registered trademarks of their respective company. The responsibility for the use and application of N-Tron products rests with the end user. N-Tron makes no
warranties as to the tness or suitability of any N-Tron product for any specic application. N-Tron Corporation shall not be liable for any damage resulting from the installation, use, or
misuse of this product. Specications subject to change without notice. REV 2011.05.26
please visit us worldwide at www.n-tron.com
N-TRON USA & Corporate Headquarters
820 S. University Blvd • Suite 4E
Mobile, AL 36609 • USA
Phone +1-251-342-2164
Fax
+1-251-342-6353
www.n-tron.com
N-TRON ASIA PACIFIC
CHINA
Phone
+86 (0) 21-6113-3688
Fax
+86 (0) 21-6113-3683
INDIA
Phone
+91-9844-876540
SINGAPORE
Phone
+65-8118-6821
N-TRON EMEA
Phone +41-41-740-6636
Fax
+41-41-740-6637
N-TRON UK/IRELAND/NORDIC/BENELUX
Phone +44 (0) 1928-577257


Similar Part No. - 517FX-XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
517 ETC2-517 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
Oscilent Corporation
517-4.0M-315A OSCILENT-517-4.0M-315A Datasheet
142Kb / 2P
   HCMOS / TTL / Clipped Sine
517-4.0M-315B OSCILENT-517-4.0M-315B Datasheet
142Kb / 2P
   HCMOS / TTL / Clipped Sine
517-4.0M-315C OSCILENT-517-4.0M-315C Datasheet
142Kb / 2P
   HCMOS / TTL / Clipped Sine
517-4.0M-320A OSCILENT-517-4.0M-320A Datasheet
142Kb / 2P
   HCMOS / TTL / Clipped Sine
More results

Similar Description - 517FX-XX

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
304TX REDLION-304TX Datasheet
764Kb / 3P
   Unmanaged Industrial Ethernet Switch
112FX4 REDLION-112FX4 Datasheet
708Kb / 3P
   Unmanaged Industrial Ethernet Switch
524TX REDLION-524TX Datasheet
498Kb / 3P
   Unmanaged Industrial Ethernet Switch
110FX2 REDLION-110FX2 Datasheet
866Kb / 3P
   Unmanaged Industrial Ethernet Switch
105TX-SL REDLION-105TX-SL Datasheet
636Kb / 3P
   Unmanaged Industrial Ethernet Switch
509FX REDLION-509FX Datasheet
447Kb / 3P
   Unmanaged Industrial Ethernet Switch
309FX REDLION-309FX Datasheet
435Kb / 3P
   Unmanaged Industrial Ethernet Switch
305FX REDLION-305FX Datasheet
413Kb / 2P
   Unmanaged Industrial Ethernet Switch
105TX-POE REDLION-105TX-POE Datasheet
1Mb / 3P
   Unmanaged Industrial Ethernet Switch
105FX REDLION-105FX Datasheet
703Kb / 3P
   Unmanaged Industrial Ethernet Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com