Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2904M8-13 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # LM2904M8-13
Description  DUAL AND QUAD OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2904M8-13 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button LM2904M8-13 Datasheet HTML 5Page - Diodes Incorporated LM2904M8-13 Datasheet HTML 6Page - Diodes Incorporated LM2904M8-13 Datasheet HTML 7Page - Diodes Incorporated LM2904M8-13 Datasheet HTML 8Page - Diodes Incorporated LM2904M8-13 Datasheet HTML 9Page - Diodes Incorporated LM2904M8-13 Datasheet HTML 10Page - Diodes Incorporated LM2904M8-13 Datasheet HTML 11Page - Diodes Incorporated LM2904M8-13 Datasheet HTML 12Page - Diodes Incorporated LM2904M8-13 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LM2902/ LM2902A/ LM2904/ LM2904A
Document number: DS36780 Rev. 3 - 2
9 of 15
www.diodes.com
May 2016
© Diodes Incorporated
LM2902/ LM2902A/ LM2904/ LM2904A
Application Information (Continued)
Power Supply Bypassing and Layout
The LM29xx family operate both single supply voltage range 3V to 36V or dual supply voltage ±1.5V to ±18V.
As with any operation amplifier, proper supply bypassing is critical for low noise performance and high power supply rejection. For single supply
operation system, a minimum 0.1µF bypass capacitor should be recommended to place as close as possible between the VCC Pin and GND. For
dual supply operation, both the positive supply pin and negative supply pin should be bypassed to ground with a separate 0.1µF ceramic capacitor.
2.2µF tantalum capacitor can be added for better performance. Keep the length of leads and traces that connect capacitors between the LM29xx
power supply pin and ground as short as possible.
Ordering Information (Note 14)
LM290X X XXX - 13
Channel
Grade
3 : Dual
Packing
Package
S : SO-8
13 : Tape & Reel
1 : Quad
A : Low
VIO
Blank : Normal
S14 : SO-14
T14 : TSSOP-14
M8: MSOP-8
TH: TSSOP-8
Part Number
Package Code
Packaging
13” Tape and Reel
Quantity
Part Number Suffix
LM2902T14-13
T14
TSSOP-14
2,500/Tape & Reel
-13
LM2902AT14-13
T14
TSSOP-14
2,500/Tape & Reel
-13
LM2902S14-13
S14
SO-14
2,500/Tape & Reel
-13
LM2902AS14-13
S14
SO-14
2,500/Tape & Reel
-13
LM2904S-13
S
SO-8
2,500/Tape & Reel
-13
LM2904AS-13
S
SO-8
2,500/Tape & Reel
-13
LM2904AM8-13
M8
MSOP-8
2,500/Tape & Reel
-13
LM2904M8-13
M8
MSOP-8
2,500/Tape & Reel
-13
LM2904ATH-13
TH
TSSOP-8
2,500/Tape & Reel
-13
LM2904TH-13
TH
TSSOP-8
2,500/Tape & Reel
-13
Note:
14. For packaging details, go to our website at http://www.diodes.com/products/packages.html


Similar Part No. - LM2904M8-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LM2904M8-13 DIODES-LM2904M8-13 Datasheet
791Kb / 16P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - LM2904M8-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LM2902 DIODES-LM2902_18 Datasheet
791Kb / 16P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
logo
Harris Corporation
HA5234 HARRIS-HA5234 Datasheet
277Kb / 5P
   Precision Dual and Quad Operational Amplifiers
logo
Diodes Incorporated
LM2902Q DIODES-LM2902Q Datasheet
841Kb / 16P
   AUTOMOTIVE COMPLIANT DUAL AND QUAD OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102 Datasheet
498Kb / 16P
   Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
April 1999
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
logo
Analog Devices
OP492 AD-OP492_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
logo
Linear Technology
LTC2051 LINER-LTC2051_15 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com