Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25D05B Datasheet(PDF) 7 Page - ELM Electronics

Part # GD25D05B
Description  512K-bit Serial Flash
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25D05B Datasheet(HTML) 7 Page - ELM Electronics

Back Button GD25D05B Datasheet HTML 3Page - ELM Electronics GD25D05B Datasheet HTML 4Page - ELM Electronics GD25D05B Datasheet HTML 5Page - ELM Electronics GD25D05B Datasheet HTML 6Page - ELM Electronics GD25D05B Datasheet HTML 7Page - ELM Electronics GD25D05B Datasheet HTML 8Page - ELM Electronics GD25D05B Datasheet HTML 9Page - ELM Electronics GD25D05B Datasheet HTML 10Page - ELM Electronics GD25D05B Datasheet HTML 11Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
Rev.1.0
28 -
GD25D05BxIGx Uniform sector dual and quad serial flash
http://www.elm-tech.com
Deep Power-Down Mode: In Deep Power-Down Mode, all commands are ignored except the Release from
Deep Power-Down Mode command.
Write Inhibit Voltage (VWI): Device would reset automatically when VCC is below a certain threshold VWI.
Status Register Content
Memory Content
BP2
BP1
BP0
Blocks
Addresses
Density
Portion
0
0
0
NONE
NONE
NONE
NONE
0
0
1
Sector 0 to 29
000000H-00DFFFH
56KB
Lower 14/16
0
1
0
Sector 0 to 27
000000H-00BFFFH
48KB
Lower 12/16
0
1
1
Sector 0 to 23
000000H-007FFFH
32KB
Lower 8/16
1
×
×
All
000000H-00FFFFH
64KB
All
Table 1. GD25D05B Protected area size
6. STATUS REGISTER
The status and control bits of the Status Register are as follows:
WIP bit.
The Write In Progress (WIP) bit indicates whether the memory is busy in program/erase/write status register
progress. When WIP bit is set to 1, it means the device is busy in program/erase/write status register progress.
When WIP bit is cleared to 0, it means the device is not in program/erase/write status register progress. The
default value of WIP is 0.
WEL bit.
The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch. When set to 1 the
internal Write Enable Latch is set, when set to 0 the internal Write Enable Latch is reset and no write Status
Register, Program or Erase command is accepted. The default value of WEL is 0.
BP2, BP1, BP0 bits.
The Block Protect (BP2, BP1, BP0) bits are non-volatile. They define the size of the area to be software
protected against Program and Erase commands. These bits are written with the Write Statue Register (WRSR)
command. When the Block Protect (BP2, BP1, BP0) bits are set to 1, the relevant memory area (as defined in
Table1). Becomes protected against Page Program (PP), Sector Erase (SE) and Block Erase (BE) commands.
The Block protect (BP2, BP1, BP0) bits can be written provided that the Hardware Protected mode has not been
set. The Chip Erase (CE) command is executed,if the Block Protect (BP2, BP1, BP0) bits are all 0.The default
value of BP2:0 are 0s.
SRP bit.
The Status Register Protect (SRP) bit operates in conjunction with the Write Protect (WP#) signal. The Status
Register Write Protect (SRP) bit and Write Protect (WP#) signal set the device to the hardware Protected mode.
When the Status Register Protect (SRP) bit is set to 1, and Write Protect (WP#) is driven Low. In this mode,
S7
S6
S5
S4
S3
S2
S1
S0
SRP
Reserved
Reserved
BP2
BP1
BP0
WEL
WIP


Similar Part No. - GD25D05B

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD25D05C GIGADEVICE-GD25D05C Datasheet
4Mb / 28P
   MCU
GD25D05C GIGADEVICE-GD25D05C Datasheet
890Kb / 42P
   3.3V Uniform Sector Standard and Dual Serial Flash
GD25D05CEEG GIGADEVICE-GD25D05CEEG Datasheet
890Kb / 42P
   3.3V Uniform Sector Standard and Dual Serial Flash
GD25D05CEFG GIGADEVICE-GD25D05CEFG Datasheet
890Kb / 42P
   3.3V Uniform Sector Standard and Dual Serial Flash
GD25D05CEIG GIGADEVICE-GD25D05CEIG Datasheet
890Kb / 42P
   3.3V Uniform Sector Standard and Dual Serial Flash
More results

Similar Description - GD25D05B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25C512 ACE-ACE25C512 Datasheet
1Mb / 34P
   512K-BIT Serial Flash Memory
VER 1.2
logo
Sanyo Semicon Device
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
   4M-bit (512K??) Serial Flash Memory
logo
Macronix International
MX25L512 MCNIX-MX25L512 Datasheet
1Mb / 39P
   512K-BIT [x 1] CMOS SERIAL FLASH
logo
Winbond
W45B512 WINBOND-W45B512 Datasheet
204Kb / 16P
   512k * 1 SERIAL FLASH
logo
Macronix International
MX25V512C MCNIX-MX25V512C Datasheet
2Mb / 44P
   512K-BIT [x 1] 2.5V CMOS SERIAL FLASH
logo
ON Semiconductor
ENA2312 ONSEMI-ENA2312 Datasheet
159Kb / 23P
   4M-bit (512K x 8) Serial Flash Memory
April, 2014
logo
Macronix International
MX25V512 MCNIX-MX25V512 Datasheet
449Kb / 38P
   512K-BIT [x 1] 2.5V CMOS SERIAL FLASH
MX25L512EMI-10G MCNIX-MX25L512EMI-10G Datasheet
1Mb / 49P
   512K-BIT [x 1/x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L005E GENERALPLUS-GPR25L005E Datasheet
855Kb / 38P
   512K-Bit [x 1/x 2] CMOS Serial Flash
logo
Macronix International
MX25V512E MCNIX-MX25V512E Datasheet
929Kb / 43P
   512K-BIT [x 1/x 2] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com