Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LQ128CWIGY Datasheet(PDF) 9 Page - ELM Electronics

Part # GD25LQ128CWIGY
Description  128M-bit Serial Flash
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25LQ128CWIGY Datasheet(HTML) 9 Page - ELM Electronics

Back Button GD25LQ128CWIGY Datasheet HTML 5Page - ELM Electronics GD25LQ128CWIGY Datasheet HTML 6Page - ELM Electronics GD25LQ128CWIGY Datasheet HTML 7Page - ELM Electronics GD25LQ128CWIGY Datasheet HTML 8Page - ELM Electronics GD25LQ128CWIGY Datasheet HTML 9Page - ELM Electronics GD25LQ128CWIGY Datasheet HTML 10Page - ELM Electronics GD25LQ128CWIGY Datasheet HTML 11Page - ELM Electronics GD25LQ128CWIGY Datasheet HTML 12Page - ELM Electronics GD25LQ128CWIGY Datasheet HTML 13Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
9
Rev.1.0
62 -
http://www.elm-tech.com
GD25LQ128CxIGx 1.8V Uniform Sector Dual and Quad Serial Flash
×
×
1
1
1
0 to 255
000000H-FFFFFFH
16MB
ALL
1
0
0
0
1
255
FFF000H-FFFFFFH
4KB
Top Block
1
0
0
1
0
255
FFE000H-FFFFFFH
8KB
Top Block
1
0
0
1
1
255
FFC000H-FFFFFFH
16KB
Top Block
1
0
1
0
×
255
FF8000H-FFFFFFH
32KB
Top Block
1
0
1
1
0
255
FF8000H-FFFFFFH
32KB
Top Block
1
1
0
0
1
0
000000H-000FFFH
4KB
Bottom Block
1
1
0
1
0
0
000000H-001FFFH
8KB
Bottom Block
1
1
0
1
1
0
000000H-003FFFH
16KB
Bottom Block
1
1
1
0
×
0
000000H-007FFFH
32KB
Bottom Block
1
1
1
1
0
0
000000H-007FFFH
32KB
Bottom Block
Status Register Content
Memory Content
BP4 BP3 BP2 BP1 BP0
Blocks
Addresses
Density
Portion
×
×
0
0
0
0 to 255
000000H-FFFFFFH
ALL
ALL
0
0
0
0
1
0 to 251
000000H-FBFFFFH
16128KB
Lower 63/64
0
0
0
1
0
0 to 247
000000H-F7FFFFH
15872KB
Lower 31/32
0
0
0
1
1
0 to 239
000000H-EFFFFFH
15MB
Lower 15/16
0
0
1
0
0
0 to 223
000000H-DFFFFFH
14MB
Lower 7/8
0
0
1
0
1
0 to 191
000000H-BFFFFFH
12MB
Lower 3/4
0
0
1
1
0
0 to 127
000000H-7FFFFFH
8MB
Lower 1/2
0
1
0
0
1
4 to 255
040000H-FFFFFFH
16128KB
Upper 63/64
0
1
0
1
0
8 to 255
080000H-FFFFFFH
15872KB
Upper 31/32
0
1
0
1
1
16 to 255
100000H-FFFFFFH
15MB
Upper 15/16
0
1
1
0
0
32 to 255
200000H-FFFFFFH
14MB
Upper 7/8
0
1
1
0
1
64 to 255
400000H-FFFFFFH
12MB
Upper 3/4
0
1
1
1
0
128 to 255
800000H-FFFFFFH
8MB
Upper 1/2
×
×
1
1
1
NONE
NONE
NONE
NONE
1
0
0
0
1
0 to 255
000000H-FFEFFFH
16380KB
Lower 4095/4096
1
0
0
1
0
0 to 255
000000H-FFDFFFH
16376KB
Lower 2047/2048
1
0
0
1
1
0 to 255
000000H-FFBFFFH
16368KB
Lower 1023/1024
1
0
1
0
×
0 to 255
000000H-FF7FFFH
16352KB
Lower 511/512
1
0
1
1
0
0 to 255
000000H-FF7FFFH
16352KB
Lower 511/512
1
1
0
0
1
0 to 255
001000H-FFFFFFH
16380KB
Upper 4095/4096
1
1
0
1
0
0 to 255
002000H-FFFFFFH
16376KB
Upper 2047/2048
1
1
0
1
1
0 to 255
004000H-FFFFFFH
16368KB
Upper 1023/1024
1
1
1
0
×
0 to 255
008000H-FFFFFFH
16352KB
Upper 511/512
1
1
1
1
0
0 to 255
008000H-FFFFFFH
16352KB
Upper 511/512
Table 1a. GD25LQ128C Protected area size (CMP=1)


Similar Part No. - GD25LQ128CWIGY

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD25LQ128CWIG GIGADEVICE-GD25LQ128CWIG Datasheet
1Mb / 73P
   1.8V Uniform Sector Dual and Quad Serial Flash
More results

Similar Description - GD25LQ128CWIGY

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
GD25Q128C ELM-GD25Q128C Datasheet
2Mb / 69P
   128M-bit Serial Flash
logo
Macronix International
MX25L12805D MCNIX-MX25L12805D Datasheet
425Kb / 42P
   128M-BIT [x 1] CMOS SERIAL FLASH
logo
Winbond
W25Q128JW WINBOND-W25Q128JW Datasheet
2Mb / 79P
   1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
July 29, 2021
logo
Shanghai Leiditech Elec...
BY25Q128AS LEIDITECH-BY25Q128AS Datasheet
2Mb / 73P
   128M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25QC128G ACE-ACE25QC128G Datasheet
2Mb / 56P
   128M BIT SPI NOR FLASH
VER 1.1
logo
Winbond
W25Q128JV WINBOND-W25Q128JV Datasheet
2Mb / 78P
   3V 128M-bit serial flash memory with dual/quad spi
W25Q128BV WINBOND-W25Q128BV Datasheet
868Kb / 74P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128FVSIF-TR WINBOND-W25Q128FVSIF-TR Datasheet
1Mb / 100P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FVSIG WINBOND-W25Q128FVSIG_13 Datasheet
1Mb / 97P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128BV WINBOND-W25Q128BV_13 Datasheet
1Mb / 74P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com