Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902AQ Datasheet(PDF) 10 Page - Diodes Incorporated

Part # LM2902AQ
Description  AUTOMOTIVE COMPLIANT DUAL AND QUAD OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2902AQ Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button LM2902AQ Datasheet HTML 6Page - Diodes Incorporated LM2902AQ Datasheet HTML 7Page - Diodes Incorporated LM2902AQ Datasheet HTML 8Page - Diodes Incorporated LM2902AQ Datasheet HTML 9Page - Diodes Incorporated LM2902AQ Datasheet HTML 10Page - Diodes Incorporated LM2902AQ Datasheet HTML 11Page - Diodes Incorporated LM2902AQ Datasheet HTML 12Page - Diodes Incorporated LM2902AQ Datasheet HTML 13Page - Diodes Incorporated LM2902AQ Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LM2902Q/LM2902AQ/LM2904Q/LM2904AQ
Document number: DS37815 Rev. 3 - 2
10 of 16
www.diodes.com
June 2016
© Diodes Incorporated
LM2902Q/LM2902AQ/LM2904Q/LM2904AQ
Application Information (continued)
Power Supply Bypassing and Layout
The LM2902Q/04Qxx family operates from both single supply voltage range 3 to 36V, or dual supply voltage ±1.5V to ±18V.
As with any operation amplifier, proper supply bypassing is critical for low noise performance and high power supply rejection. For single supply
operation system, a minimum 0.1µF bypass capacitor should be recommended to place as close as possible between VCC pin and GND. For dual
supply operation, both the positive supply pin and negative supply pin should be bypassed to ground with a separate 0.1µF ceramic capacitor.
2.2µF tantalum capacitor can be added for better performance. Keep the length of leads and traces that connect capacitors between LM29xx power
supply pin and ground as short as possible.
Ordering Information
Part Number
Package
Code
Packaging
(Note 14)
13” Tape and Reel
Qualification
(Note 15)
Quantity
Part Number Suffix
LM2902QT14-13
T14
TSSOP-14
2,500/Tape & Reel
-13
Automotive Compliant
LM2902AQT14-13
T14
TSSOP-14
2,500/Tape & Reel
-13
Automotive Compliant
LM2902QS14-13
S14
SO-14
2,500/Tape & Reel
-13
Automotive Compliant
LM2902AQS14-13
S14
SO-14
2,500/Tape & Reel
-13
Automotive Compliant
LM2904QS-13
S
SO-8
2,500/Tape & Reel
-13
Automotive Compliant
LM2904AQS-13
S
SO-8
2,500/Tape & Reel
-13
Automotive Compliant
LM2904QTH-13
TH
TSSOP-8
2,500/Tape & Reel
-13
Automotive Compliant
LM2904AQTH-13
TH
TSSOP-8
2,500/Tape & Reel
-13
Automotive Compliant
LM2904QM8-13
M8
MSOP-8
2,500/Tape & Reel
-13
Automotive Compliant
LM2904AQM8-13
M8
MSOP-8
2,500/Tape & Reel
-13
Automotive Compliant
Notes:
14. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
15. LM2902Q/2904Q have been qualified to AEC-Q100 grade 1 and are
classified as “Automotive Compliant” which supports PPAP documentation.
See LM2902/2904 datasheet for commercial qualified versions.


Similar Part No. - LM2902AQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LM2902A DIODES-LM2902A Datasheet
863Kb / 15P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
logo
3PEAK INC.
LM2902A 3PEAK-LM2902A Datasheet
1Mb / 15P
   36V General Purpose Op Amps
LM2902A-SR 3PEAK-LM2902A-SR Datasheet
1Mb / 15P
   36V General Purpose Op Amps
LM2902A-TR 3PEAK-LM2902A-TR Datasheet
1Mb / 15P
   36V General Purpose Op Amps
LM2902AL1-SR 3PEAK-LM2902AL1-SR Datasheet
1Mb / 15P
   36V General Purpose Op Amps
More results

Similar Description - LM2902AQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LM2902 DIODES-LM2902_18 Datasheet
791Kb / 16P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
LM2902 DIODES-LM2902 Datasheet
863Kb / 15P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
logo
Harris Corporation
HA5234 HARRIS-HA5234 Datasheet
277Kb / 5P
   Precision Dual and Quad Operational Amplifiers
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Diodes Incorporated
LM2901Q DIODES-LM2901Q Datasheet
670Kb / 19P
   AUTOMOTIVE COMPLIANT DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102 Datasheet
498Kb / 16P
   Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
April 1999
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
logo
Analog Devices
OP492 AD-OP492_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com