Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30H100CT-E1 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # MBR30H100CT-E1
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR30H100CT-E1 Datasheet(HTML) 5 Page - Diodes Incorporated

  MBR30H100CT-E1 Datasheet HTML 1Page - Diodes Incorporated MBR30H100CT-E1 Datasheet HTML 2Page - Diodes Incorporated MBR30H100CT-E1 Datasheet HTML 3Page - Diodes Incorporated MBR30H100CT-E1 Datasheet HTML 4Page - Diodes Incorporated MBR30H100CT-E1 Datasheet HTML 5Page - Diodes Incorporated MBR30H100CT-E1 Datasheet HTML 6Page - Diodes Incorporated MBR30H100CT-E1 Datasheet HTML 7Page - Diodes Incorporated MBR30H100CT-E1 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MBR30H100C
Document number: DS36965 Rev. 3 - 2
5 of 8
www.diodes.com
July 2014
© Diodes Incorporated
MBR30H100C
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
Figure 3. Capacitance vs. VR, Reverse Voltage
Figure 4. Average Rectified Forward Current vs.
Case Temperature (Square, Each Diode)
0.01
0.1
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
V
F
, Instantaneous Forward Voltage (V)
25
oC
125
oC
150
oC
175
oC
20
40
60
80
100
1E-9
1E-8
1E-7
1E-6
1E-5
1E-4
1E-3
0.01
V
R
, Reverse Voltage (V)
25
oC
125
oC
150
oC
175
oC
20
40
60
80
100
10
100
1000
10000
V
R
, Reverse Voltage (V)
T
J
= 25
oC
100
110
120
130
140
150
160
170
180
0
2
4
6
8
10
12
14
16
18
20
Note 7
T
C
, Case Temperature (
oC)
Square


Similar Part No. - MBR30H100CT-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
MBR30H100CT-E1 BCDSEMI-MBR30H100CT-E1 Datasheet
939Kb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - MBR30H100CT-E1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com