Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2045C Datasheet(PDF) 7 Page - Diodes Incorporated

Part # MBR2045C
Description  HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR2045C Datasheet(HTML) 7 Page - Diodes Incorporated

  MBR2045C Datasheet HTML 1Page - Diodes Incorporated MBR2045C Datasheet HTML 2Page - Diodes Incorporated MBR2045C Datasheet HTML 3Page - Diodes Incorporated MBR2045C Datasheet HTML 4Page - Diodes Incorporated MBR2045C Datasheet HTML 5Page - Diodes Incorporated MBR2045C Datasheet HTML 6Page - Diodes Incorporated MBR2045C Datasheet HTML 7Page - Diodes Incorporated MBR2045C Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MBR2045C
Document number: DS36921 Rev. 4 - 2
7 of 8
www.diodes.com
May 2016
© Diodes Incorporated
MBR2045C
Package Outline Dimensions (Cont. All dimensions in mm(inch).)
(2)
Package Type: TO-220F-3
4. 300(0. 169)
0. 450(0. 018)
0. 650(0. 026)
2. 540(0. 100)
9.700(0. 382)
10.300(0. 406)
6.900(0. 272)
7.100(0. 280)
3. 000(0. 119)
3. 400(0. 134)
14. 700(0. 579)
16. 000(0. 630)
1. 000(0. 039)
1. 400(0. 055)
1. 100(0. 043)
1. 500(0. 059)
12. 500(0. 492)
13. 500(0. 531)
0.500(0. 020)
0.900(0. 035)
2.540(0.100)
3.000(0. 119)
3.550(0. 140)
3. 370(0. 133)
3. 900(0. 154)
2. 350(0. 093)
2. 900(0. 114)
4. 900(0. 193)
2.520(0.099)
2.920(0.115)
F
3. 190(0. 126)
3. 250(0. 128)
5
5
5
Option 1
Option 2


Similar Part No. - MBR2045C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MBR2045C UTC-MBR2045C Datasheet
31Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
BCD Semiconductor Manuf...
MBR2045C BCDSEMI-MBR2045C Datasheet
449Kb / 9P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
Unisonic Technologies
MBR2045C UTC-MBR2045C Datasheet
90Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Rectron Semiconductor
MBR2045C RECTRON-MBR2045C Datasheet
341Kb / 5P
   SCHOTTKY BARRIER RECTIFIER
logo
SHIKUES Electronics
MBR2045C-T SKTECHNOLGY-MBR2045C-T Datasheet
370Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR2045C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2045LC DIODES-MBR2045LC Datasheet
323Kb / 6P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR3045C BCDSEMI-MBR3045C Datasheet
857Kb / 11P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR3045C DIODES-MBR3045C Datasheet
434Kb / 7P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR2045C BCDSEMI-MBR2045C Datasheet
449Kb / 9P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR3045C DIODES-MBR3045C_17 Datasheet
435Kb / 7P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR2045C BCDSEMI-MBR2045C_11 Datasheet
903Kb / 11P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS40M60CT STMICROELECTRONICS-STPS40M60CT Datasheet
131Kb / 10P
   High efficiency 60 V power Schottky rectifier
logo
International Rectifier
80SCLQ030 IRF-80SCLQ030 Datasheet
50Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16YQ150C IRF-16YQ150C Datasheet
54Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
20CLQ045 IRF-20CLQ045 Datasheet
75Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com