Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2045CT-G1 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MBR2045CT-G1
Description  HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR2045CT-G1 Datasheet(HTML) 2 Page - Diodes Incorporated

  MBR2045CT-G1 Datasheet HTML 1Page - Diodes Incorporated MBR2045CT-G1 Datasheet HTML 2Page - Diodes Incorporated MBR2045CT-G1 Datasheet HTML 3Page - Diodes Incorporated MBR2045CT-G1 Datasheet HTML 4Page - Diodes Incorporated MBR2045CT-G1 Datasheet HTML 5Page - Diodes Incorporated MBR2045CT-G1 Datasheet HTML 6Page - Diodes Incorporated MBR2045CT-G1 Datasheet HTML 7Page - Diodes Incorporated MBR2045CT-G1 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MBR2045C
Document number: DS36921 Rev. 4 - 2
2 of 8
www.diodes.com
May 2016
© Diodes Incorporated
MBR2045C
Ordering Information
MBR2045C XX XX - XX
Packing
Package
Product Name
Blank : Tube
T : TO-220-3 (2)
E1/G1
G1 : Green
TF : TO-220F-3
(Option 1)
E1 : RoHS Compliant
Package
Part Number
Marking ID
Packing
TO-220-3 (2)
MBR2045CT-E1
MBR2045CT-E1
50 Pieces/Tube
TO-220-3 (2)
MBR2045CT-G1
MBR2045CT-G1
50 Pieces/Tube
TO-220F-3 (Option 1)
MBR2045CTF-E1
MBR2045CTF-E1
50 Pieces/Tube
TO-220F-3 (Option 1)
MBR2045CTF-G1
MBR2045CTF-G1
50 Pieces/Tube
Marking Information
(1)
TO-220-3 (2)
(Front View)
Green
XXXXXXX
XX-XX
YWWAXX
Green
Pb
Pb
First and Second Lines: Logo and Marking ID
(See Ordering Information)
Third Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: 7th and 8th Digits of Batch Number


Similar Part No. - MBR2045CT-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
MBR2045CT-G1 BCDSEMI-MBR2045CT-G1 Datasheet
903Kb / 11P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
More results

Similar Description - MBR2045CT-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2045LC DIODES-MBR2045LC Datasheet
323Kb / 6P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR3045C BCDSEMI-MBR3045C Datasheet
857Kb / 11P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR3045C DIODES-MBR3045C Datasheet
434Kb / 7P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR2045C BCDSEMI-MBR2045C Datasheet
449Kb / 9P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR3045C DIODES-MBR3045C_17 Datasheet
435Kb / 7P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR2045C BCDSEMI-MBR2045C_11 Datasheet
903Kb / 11P
   HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS40M60CT STMICROELECTRONICS-STPS40M60CT Datasheet
131Kb / 10P
   High efficiency 60 V power Schottky rectifier
logo
International Rectifier
80SCLQ030 IRF-80SCLQ030 Datasheet
50Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16YQ150C IRF-16YQ150C Datasheet
54Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
20CLQ045 IRF-20CLQ045 Datasheet
75Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com