Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR5200VP-G1 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # MBR5200VP-G1
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR5200VP-G1 Datasheet(HTML) 6 Page - Diodes Incorporated

  MBR5200VP-G1 Datasheet HTML 1Page - Diodes Incorporated MBR5200VP-G1 Datasheet HTML 2Page - Diodes Incorporated MBR5200VP-G1 Datasheet HTML 3Page - Diodes Incorporated MBR5200VP-G1 Datasheet HTML 4Page - Diodes Incorporated MBR5200VP-G1 Datasheet HTML 5Page - Diodes Incorporated MBR5200VP-G1 Datasheet HTML 6Page - Diodes Incorporated MBR5200VP-G1 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MBR5200
Document number: DS36955 Rev. 4 - 2
6 of 7
www.diodes.com
October 2015
© Diodes Incorporated
MBR5200
Package Outline Dimensions (Cont. All dimensions in mm(inch).)
(2)
Package Type: DO-27 (C)
8.500(0.335)
9.500(0.374)
19.500(0.768)
20.500(0.807)
6.000(0.236)
7.000(0.276)
5.000(0.197)
5.600(0.220)
DIA.
1.300(0.051)
1.200(0.047)
Cathode line
by marking
90°
±
1.200(0.047)
MAX


Similar Part No. - MBR5200VP-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR5200VPBTR-E1 DIODES-MBR5200VPBTR-E1 Datasheet
465Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR5200VPC-E1 DIODES-MBR5200VPC-E1 Datasheet
465Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR5200VPTR-E1 DIODES-MBR5200VPTR-E1 Datasheet
465Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - MBR5200VP-G1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com