Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10150CT-G1 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBR10150CT-G1
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR10150CT-G1 Datasheet(HTML) 1 Page - Diodes Incorporated

  MBR10150CT-G1 Datasheet HTML 1Page - Diodes Incorporated MBR10150CT-G1 Datasheet HTML 2Page - Diodes Incorporated MBR10150CT-G1 Datasheet HTML 3Page - Diodes Incorporated MBR10150CT-G1 Datasheet HTML 4Page - Diodes Incorporated MBR10150CT-G1 Datasheet HTML 5Page - Diodes Incorporated MBR10150CT-G1 Datasheet HTML 6Page - Diodes Incorporated MBR10150CT-G1 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MBR10150C
Document number: DS37332 Rev. 4 - 2
1 of 7
www.diodes.com
September 2016
© Diodes Incorporated
MBR10150C
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Product Summary
VRRM (V)
IO (A)
VF (MAX) (V)
@ +25°C
IR (MAX) (mA)
@ +25°C
150
2 x 5
0.92
0.1
Description
High voltage dual Schottky rectifier suited for switch mode power
supplies and other power converters. This device is intended for use
in medium voltage operation, and particularly, in high frequency
circuits where low switching losses and low noise are required.
The MBR10150C is available in standard TO-220F-3 (Option 1) and
TO-220-3 (2) packages.
Applications
Power Supply Output Rectification
Power Management
Instrumentation
Features
Low Forward Voltage: 0.92V @ +25°C
High Surge Current Capacity
+175°C Operating Junction Temperature
10A Total (5A Per Diode Leg)
Guard-Ring for Stress Protection
Pb-free Packages are Available
TO-220-3 (2) and TO-220F-3 (Option 1)
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Available in ―Green‖ Packages: TO-220-3 (2) and TO-220F-3
(Option 1)
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen
and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: TO-220-3 (2), TO-220F-3 (Option 1)
Case Material: Molded Plastic, ―Green‖ Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: See Below
Weight:
TO-220-3 (2)
– 1.95 Grams (Approximate)
TO-220F-3 (Option 1)
– 1.69 Grams (Approximate)
TO-220F-3 (Option 1)
TO-220-3 (2)
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Pin Assignments
(Front View)
(Front View)
TO-220-3 (2)
TO-220F-3 (Option 1)
Internal Structure of MBR10150C
1
2
3
A1
K
A2
1
2
3
A1
K
A2
A1
A2
K


Similar Part No. - MBR10150CT-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
MBR10150CT-G1 BCDSEMI-MBR10150CT-G1 Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - MBR10150CT-G1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com