Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR15100C Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MBR15100C
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR15100C Datasheet(HTML) 4 Page - Diodes Incorporated

  MBR15100C Datasheet HTML 1Page - Diodes Incorporated MBR15100C Datasheet HTML 2Page - Diodes Incorporated MBR15100C Datasheet HTML 3Page - Diodes Incorporated MBR15100C Datasheet HTML 4Page - Diodes Incorporated MBR15100C Datasheet HTML 5Page - Diodes Incorporated MBR15100C Datasheet HTML 6Page - Diodes Incorporated MBR15100C Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MBR15100C
Document number: DS36951 Rev. 2 - 2
4 of 7
www.diodes.com
June 2014
© Diodes Incorporated
MBR15100C
Electrical Characteristics
Characteristic
Symbol
Rating
Unit
Test Condition
Maximum Instantaneous Forward Voltage Drop (Note 8)
VF
0.85
V
IF = 7.5A, TC = +25C
0.75
IF = 7.5A, TC = +125C
Maximum Instantaneous Reverse Current (Note 8)
IR
6.0
mA
Rated DC Voltage, TC = +125C
0.1
Rated DC Voltage, TC = +25C
Note 8:
Short duration pulse test used to minimize self-heating effect, Pulse Test Width = 300µs, Duty Cycle < 2.0%.
Figure 1. Typical Forward Voltage Per Diode
Figure 2. Typical Reverse Current Per Diode
Figure 3. Average Rectified Forward Current vs.
Case Temperature (Square, Per Diode)
0
20
40
60
80
100
1E-3
0.01
0.1
1
10
100
1000
10000
T
J
=150
oC
T
J
=125
oC
Percent of Rated Peak Reverse Voltage (%)
T
J
=25
oC
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.01
0.1
1
10
100
T
J
=150
oC
T
J
=125
oC
Instantaneous Forward Voltage (V)
T
J
=25
oC
115
120
125
130
135
140
145
150
155
160
0
2
4
6
8
10
12
14
16
18
20
Note 7
T
C
, Case Temperature (
oC)


Similar Part No. - MBR15100C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR15100CT MCC-MBR15100CT Datasheet
105Kb / 2P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR15100CT KERSEMI-MBR15100CT Datasheet
1,003Kb / 2P
   15.0AMP. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBR15100CT TSC-MBR15100CT Datasheet
174Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR15100CT KERSEMI-MBR15100CT Datasheet
477Kb / 2P
   Meatl of Silicon Rectifier, Majority Conducton
logo
Taiwan Semiconductor Co...
MBR15100CT TSC-MBR15100CT Datasheet
245Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR15100C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com