Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR15100CT-E1 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # MBR15100CT-E1
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR15100CT-E1 Datasheet(HTML) 6 Page - Diodes Incorporated

  MBR15100CT-E1 Datasheet HTML 1Page - Diodes Incorporated MBR15100CT-E1 Datasheet HTML 2Page - Diodes Incorporated MBR15100CT-E1 Datasheet HTML 3Page - Diodes Incorporated MBR15100CT-E1 Datasheet HTML 4Page - Diodes Incorporated MBR15100CT-E1 Datasheet HTML 5Page - Diodes Incorporated MBR15100CT-E1 Datasheet HTML 6Page - Diodes Incorporated MBR15100CT-E1 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MBR15100C
Document number: DS36951 Rev. 2 - 2
6 of 7
www.diodes.com
June 2014
© Diodes Incorporated
MBR15100C
Package Outline Dimensions (Cont. All dimensions in mm(inch).)
(2)
Package Type: TO-220F-3
4. 300(0. 169)
0. 450(0. 018)
0. 650(0. 026)
2. 540(0. 100)
9.700(0. 382)
10.300(0. 406)
6.900(0. 272)
7.100(0. 280)
3. 000(0. 119)
3. 400(0. 134)
14. 700(0. 579)
16. 000(0. 630)
1. 000(0. 039)
1. 400(0. 055)
1. 100(0. 043)
1. 500(0. 059)
12. 500(0. 492)
13. 500(0. 531)
0.500(0. 020)
0.900(0. 035)
2.540(0.100)
3.000(0. 119)
3.550(0. 140)
3. 370(0. 133)
3. 900(0. 154)
2. 350(0. 093)
2. 900(0. 114)
4. 900(0. 193)
2.520(0.099)
2.920(0.115)
F
3. 190(0. 126)
3. 250(0. 128)
5
5
5
Option 1
Option 2


Similar Part No. - MBR15100CT-E1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR15100CT-Y TSC-MBR15100CT-Y Datasheet
231Kb / 4P
   15A, 45V - 200V Dual Common Cathode Schottky Rectifiers
More results

Similar Description - MBR15100CT-E1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com