Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

316TX-N Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # 316TX-N
Description  Unmanaged Industrial Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

316TX-N Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  316TX-N Datasheet HTML 1Page - Red Lion Controls. Inc 316TX-N Datasheet HTML 2Page - Red Lion Controls. Inc 316TX-N Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
316TX-N Industrial Ethernet Switch
N-Tron Networking Series
Unmanaged Industrial Ethernet Switch
THE INDUSTRIAL NETWORK COMPANY
www.n-tron.com
RUGGED • RELIABLE • AFFORDABLE
316TX-N
The N-TRON® 316TX-N, an unmanaged Industrial Ethernet switch, is designed for
use in industrial data acquisition, control, and Ethernet I/O applications. The rugged
DIN-RAILenclosure protects the switch from harsh environmental conditions, enabling
awless performance in extreme settings.
PRODUCT FEATURES
• Compact Size
• Full IEEE 802.3 and 1613 Compliance
• NEMA TS1/TS2 Compliance
• Extended Environmental Specications
• Sixteen 10/100 BaseTX RJ-45 Ports
• Supports Full/Half Duplex Operation
• LED Link/Activity Status Indication
• Store-and-Forward Technology
• Auto Senses Speed and Flow Control
• MDIX Auto Cable Sensing (RJ-45)
• Up to 2.6 Gb/s Maximum Throughput
• Rugged Industrial DIN-Rail Enclosure
• Redundant Power Inputs (10-30 VDC)
• N-View™ OPC Switch Monitoring Option
• Bi-Color Status LEDs For Link, Speed, Activity & Duplex
• Port Control
PRODUCT OVERVIEW
The 316TX-N switch is designed to meet and exceed the most demanding industrial
communication requirements while providing high throughput and minimum downtime.
The 316TX-N provides sixteen RJ-45 auto sensing 10/100BaseTX ports. All ports
are full/half duplex capable, using leading-edge Ethernet switching technology. The
switch auto-negotiates the speed and ow control capabilities of the TX copper port
connection, and congures itself automatically. Bi-color LEDs are provided to display
the link status, speed and activity of each port as well as power on/off status.
The 316TX-N is auto sensing, so there is no need to make extensive wiring changes
if upgrades are made to host computers, plant systems, or Ethernet I/O modules. The
switching fabric simply scales up or down automatically to match network environments.
The device supports up to 4,000 MAC addresses, enabling these products to support
extremely sophisticated and complex network architectures.
The 316TX-N is an ideal candidate for upgrading existing hubs and repeaters to
increase bandwidth and determinism by virtually eliminating network collisions. The
product provides a cost-effective solution while maintaining the plug & play simplicity
of an unmanaged hub. The switch simplies plant wiring by eliminating the need to
bring data acquisition and control connections back to a climate controlled environment.
The 316TX-N switch has extended operating specications to meet the harsh
needs of the industrial environment, including extended temperature rating,
extended shock and vibration specs, redundant power inputs, and a high MTBF
(greater than 2M hours).
For cost savings and convenience, the 316TX-N can be DIN-RAIL mounted
alongside Ethernet I/O or other Industrial Equipment. It can also be panel
mounted. To increase reliability, the 316TX-N contains redundant power inputs.
LED's are provided to display power on/off status as well as the link status and
activity of each port.
N-VIEW OPC PORT MONITORING (With -N Option Only)
The N-TRON N-View OLE for Process Control (OPC) Server Software can be
combined with popular HMI software packages to add network trafc monitoring,
trending and alarming to any application using N-TRON switches congured with
the N-View option. N-TRON's N-View OPC Server collects 41 different trafc
variables per port and ve system level variables per switch. This information
can provide a complete overview of the network load, service quality, and packet
trafc. OPC client software can use N-View OPC Server data to resolve network
problems quickly and improve system reliability.


Similar Part No. - 316TX-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
316 ETC2-316 Datasheet
64Kb / 1P
   Milli-Amp AC/DC Clamp Meter
logo
EDAC, All Rights Reserv...
316-006-400-101 EDAC-316-006-400-101 Datasheet
120Kb / 2P
   316 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | Short Card Slot | 0.460" (11.68mm) Insulator Height
316-006-400-101 EDAC-316-006-400-101 Datasheet
478Kb / 3P
   316 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | Short Card Slot | 0.460" (11.68mm) Insulator Height
316-006-400-102 EDAC-316-006-400-102 Datasheet
121Kb / 2P
   316 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | Short Card Slot | 0.460" (11.68mm) Insulator Height
316-006-400-102 EDAC-316-006-400-102 Datasheet
478Kb / 3P
   316 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | Short Card Slot | 0.460" (11.68mm) Insulator Height
More results

Similar Description - 316TX-N

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
304TX REDLION-304TX Datasheet
764Kb / 3P
   Unmanaged Industrial Ethernet Switch
112FX4 REDLION-112FX4 Datasheet
708Kb / 3P
   Unmanaged Industrial Ethernet Switch
524TX REDLION-524TX Datasheet
498Kb / 3P
   Unmanaged Industrial Ethernet Switch
110FX2 REDLION-110FX2 Datasheet
866Kb / 3P
   Unmanaged Industrial Ethernet Switch
105TX-SL REDLION-105TX-SL Datasheet
636Kb / 3P
   Unmanaged Industrial Ethernet Switch
509FX REDLION-509FX Datasheet
447Kb / 3P
   Unmanaged Industrial Ethernet Switch
309FX REDLION-309FX Datasheet
435Kb / 3P
   Unmanaged Industrial Ethernet Switch
305FX REDLION-305FX Datasheet
413Kb / 2P
   Unmanaged Industrial Ethernet Switch
517FX REDLION-517FX Datasheet
548Kb / 3P
   Unmanaged Industrial Ethernet Switch
105TX-POE REDLION-105TX-POE Datasheet
1Mb / 3P
   Unmanaged Industrial Ethernet Switch
105FX REDLION-105FX Datasheet
703Kb / 3P
   Unmanaged Industrial Ethernet Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com