Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10200CDTR-E1 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # MBR10200CDTR-E1
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR10200CDTR-E1 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button MBR10200CDTR-E1 Datasheet HTML 4Page - Diodes Incorporated MBR10200CDTR-E1 Datasheet HTML 5Page - Diodes Incorporated MBR10200CDTR-E1 Datasheet HTML 6Page - Diodes Incorporated MBR10200CDTR-E1 Datasheet HTML 7Page - Diodes Incorporated MBR10200CDTR-E1 Datasheet HTML 8Page - Diodes Incorporated MBR10200CDTR-E1 Datasheet HTML 9Page - Diodes Incorporated MBR10200CDTR-E1 Datasheet HTML 10Page - Diodes Incorporated MBR10200CDTR-E1 Datasheet HTML 11Page - Diodes Incorporated MBR10200CDTR-E1 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MBR10200C
Document number: DS36952 Rev. 4 - 2
9 of 12
www.diodes.com
July 2015
© Diodes Incorporated
MBR10200C
Package Outline Dimensions (Cont. All dimensions in mm(inch).)
(4)
Package Type: TO-263-2
0.990(0.039)
0.510(0.020)
2.540(0.100)
1.150(0.045)
9.650(0.380)
14.610(0.575)
8.840(0.348)
2.640(0.104)
0.000(0.000)
0.356(0.014)
2.200(0.087)
70°
10.660(0.420)
4.070(0.160)
4.820(0.190)
1.650(0.065)
1.150(0.045)
1.770(0.070)
2.540(0.100)
1.270(0.050)
1.670(0.066)
15.870(0.625)
0.250(0.010)
2.700(0.106)
7.420(0.292)
7.980(0.314)
2.540(0.100)
2.540(0.100)
0.730(0.029)
6.230(0.245)
Option 1
MIN
Option 2


Similar Part No. - MBR10200CDTR-E1

ManufacturerPart #DatasheetDescription
logo
Dongguan City Niuhang E...
MBR10200CD NIUHANG-MBR10200CD Datasheet
2Mb / 5P
   SCHOTTKY RECTIFIERS
logo
Inchange Semiconductor ...
MBR10200CD ISC-MBR10200CD Datasheet
346Kb / 2P
   Schottky Barrier Rectifier
logo
RFE international
MBR10200CD RFE-MBR10200CD Datasheet
2Mb / 3P
   Schottky Diodes
12-14-2022
MBR10200CDS RFE-MBR10200CDS Datasheet
2Mb / 3P
   Schottky Diodes
12-14-2022
More results

Similar Description - MBR10200CDTR-E1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com