Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

114FX6 Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # 114FX6
Description  Unmanaged Industrial Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

114FX6 Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  114FX6 Datasheet HTML 1Page - Red Lion Controls. Inc 114FX6 Datasheet HTML 2Page - Red Lion Controls. Inc 114FX6 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
114FX6 Specifications
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our award-winning
technology enables companies worldwide to gain real-time data
visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the
company has offices across the Americas, Asia-Pacific and Europe.
For more information, please visit www.redlion.net. Red Lion is a
Spectris company.
w w w .r edlion.net
Connect. Monitor. Control.
ADLD0311 062713 ©2013 Red Lion Controls
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
www.n-tron.com
114FX6
www.n-tron.com
114FX6
ORDERING INFORMATION
PART NUMBER
DESCRIPTION
114FX6-XX ................................................ 14-port (8 10/100BaseTX, 6 100BaseFX Fiber Ports, multimode) Industrial Ethernet Switch, DIN-Rail
114FXE6-XX-YY........................................ 14-port (8 10/100BaseTX, 6 100BaseFX Fiber Ports, singlemode) Industrial Ethernet Switch, DIN-Rail
NTPS-24-1.3 ............................................. N-Tron Power Supply - (1.3 Amp @ 24 VDC)
CPMA-2..................................................... Compact panel mount (factory installed option only)
URMK........................................................ Universal Rack Mount Kit
Where:
E = Singlemode
XX = ST for ST style fiber connector, SC for SC style fiber connector
YY = Segment length:
15 for 15km max. fiber segment length
40 for 40km max. fiber segment length
80 for 80km max. fiber segment length
Mixed fiber configurations available.
114FX6
® 2011 N-TRON Corporation. N-Tron and the N-Tron logo are trademarks of N-TRON, Corporation. Product names mentioned herein are for identification purposes only and may
be trademarks and/or registered trademarks of their respective company. The responsibility for the use and application of N-Tron products rests with the end user. N-Tron makes no
warranties as to the fitness or suitability of any N-Tron product for any specific application. N-Tron Corporation shall not be liable for any damage resulting from the installation, use, or
misuse of this product. Specifications subject to change without notice. REV 2013.08.25
please visit us worldwide at www.n-tron.com
N-TRON USA & Corporate Headquarters
820 S. University Blvd • Suite 4E
Mobile, AL 36609 • USA
Phone +1-251-342-2164
Fax
+1-251-342-6353
www.n-tron.com
N-TRON ASIA PACIFIC
CHINA
Phone
+86 (0) 21-6113-3688
Fax
+86 (0) 21-6113-3683
INDIA
Phone
+91-9844-876540
SINGAPORE
Phone
+65-8118-6821
N-TRON EMEA
Phone +41-41-740-6636
Fax
+41-41-740-6637
N-TRON UK/IRELAND/NORDIC/BENELUX
Phone +44 (0) 1928-577257


Similar Part No. - 114FX6

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
114 CTS-114 Datasheet
55Kb / 2P
   Dual-In-Line Stratum 3 OCXO
logo
Aries Electronics, Inc.
114 ARIES-114 Datasheet
782Kb / 2P
   Easy Identification and Tracing with 10-color Cable
logo
Alpha Wire
114 ALPHAWIRE-114 Datasheet
100Kb / 4P
   Customer Specification
8/29/2022
114 ALPHAWIRE-114 Datasheet
99Kb / 4P
   Customer Specification
11/30/2022
logo
Marl International Limi...
114-000-01-51 MARL-114-000-01-51 Datasheet
276Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
More results

Similar Description - 114FX6

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
304TX REDLION-304TX Datasheet
764Kb / 3P
   Unmanaged Industrial Ethernet Switch
112FX4 REDLION-112FX4 Datasheet
708Kb / 3P
   Unmanaged Industrial Ethernet Switch
524TX REDLION-524TX Datasheet
498Kb / 3P
   Unmanaged Industrial Ethernet Switch
110FX2 REDLION-110FX2 Datasheet
866Kb / 3P
   Unmanaged Industrial Ethernet Switch
105TX-SL REDLION-105TX-SL Datasheet
636Kb / 3P
   Unmanaged Industrial Ethernet Switch
509FX REDLION-509FX Datasheet
447Kb / 3P
   Unmanaged Industrial Ethernet Switch
309FX REDLION-309FX Datasheet
435Kb / 3P
   Unmanaged Industrial Ethernet Switch
305FX REDLION-305FX Datasheet
413Kb / 2P
   Unmanaged Industrial Ethernet Switch
517FX REDLION-517FX Datasheet
548Kb / 3P
   Unmanaged Industrial Ethernet Switch
105TX-POE REDLION-105TX-POE Datasheet
1Mb / 3P
   Unmanaged Industrial Ethernet Switch
105FX REDLION-105FX Datasheet
703Kb / 3P
   Unmanaged Industrial Ethernet Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com