Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30100CT-E1 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MBR30100CT-E1
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR30100CT-E1 Datasheet(HTML) 4 Page - Diodes Incorporated

  MBR30100CT-E1 Datasheet HTML 1Page - Diodes Incorporated MBR30100CT-E1 Datasheet HTML 2Page - Diodes Incorporated MBR30100CT-E1 Datasheet HTML 3Page - Diodes Incorporated MBR30100CT-E1 Datasheet HTML 4Page - Diodes Incorporated MBR30100CT-E1 Datasheet HTML 5Page - Diodes Incorporated MBR30100CT-E1 Datasheet HTML 6Page - Diodes Incorporated MBR30100CT-E1 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MBR30100C
Document number: DS36946 Rev. 3 - 2
4 of 7
www.diodes.com
June 2014
© Diodes Incorporated
MBR30100C
BR30100C
Thermal Characteristics
Characteristic
Symbol
Rating
Unit
Maximum Thermal Resistance (Junction to Case)
(Note 9)
R
θJC
TO-220-3 (2)
2.5
C/W
TO-220F-3 (Option 1)
4.5
Maximum Thermal Resistance (Junction to Ambient)
(Note 9)
R
θJA
TO-220-3 (2)
60
C/W
TO-220F-3 (Option 1)
60
Note 9: Device mounted on heat sink, with minimum recommended pad layout per http://www.diodes.com
Electrical Characteristics
Characteristic
Symbol
Rating
Unit
Test Condition
Maximum
Instantaneous
Forward
Voltage
Drop (Note 10)
VF
0.85
V
IF = 15A, TC = +25C
0.75
IF = 15A, TC = +125C
0.95
IF = 30A, TC = +25C
0.85
IF = 30A, TC = +125C
Maximum
Instantaneous
Reverse
Current
(Note 10)
IR
6.0
mA
Rated DC Voltage, TC = +125C
0.1
Rated DC Voltage, TC = +25C
Note 10: Short duration pulse test used to minimize self-heating effect, Pulse Test: Pulse Width = 300
μs, Duty Cycle ≤
Figure 1. Typical Forward Voltage Per Diode
Figure 2. Typical Reverse Current Per Diode
Figure 3. Average Rectified Forward Current vs.
Case Temperature (Square, Per Diode)
0.01
0.1
1
10
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
T
J
=150
o
C
T
J
=125
oC
Instantaneous Forward Voltage (V)
T
J
=25
o
C
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
10000
T
J
=150
o
C
T
J
=125
o
C
Reverse Voltage (V)
T
J
=25
o
C
100
105
110
115
120
125
130
135
140
145
150
155
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Note 9
T
C
, Case Temperature (
oC)


Similar Part No. - MBR30100CT-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
MBR30100CT-E1 BCDSEMI-MBR30100CT-E1 Datasheet
424Kb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - MBR30100CT-E1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com