Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1MDFQ-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # RS1MDFQ-13
Description  1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

RS1MDFQ-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  RS1MDFQ-13 Datasheet HTML 1Page - Diodes Incorporated RS1MDFQ-13 Datasheet HTML 2Page - Diodes Incorporated RS1MDFQ-13 Datasheet HTML 3Page - Diodes Incorporated RS1MDFQ-13 Datasheet HTML 4Page - Diodes Incorporated RS1MDFQ-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RS1MDFQ
Document number: DS38756 Rev. 2 - 2
3 of 5
www.diodes.com
May 2016
© Diodes Incorporated
RS1MDFQ
Notes:
9
. Rise Time = 7.0ns max. Input Impedance = 1.0MΩ, 22pF.
10
. Rise Time = 10ns max. Input Impedance = 50Ω.
0.0001
0.001
0.01
0.1
1
10
100
0 100 200 300 400 500 600 700 800 900 1000 1100
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = 125°C
A
T = 100°C
A
T = -55°C
A
Figure 3 Typical Instantaneous Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
0
10
20
30
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 4 Forward Surge Current Derating Curve
T = 150°C
J
Single Half-Sine-Wave
0
10
20
30
40
50
0.1
1
10
100
Figure 5 Total Capacitance vs. Reverse Voltage
V , DC REVERSE VOLTAGE (V)
R
f = 1MHz
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
0.5
1
1.5
2
Figure 6 Forward Power Dissipation
IF
, AVERAGE FORWARD CURRENT (A)
(AV)
T = 150°C
j
50V DC
Approx
Oscilloscope
(Note 8)
Pulse
Generator
(Note 9)
Device
Under
Test
trr
Set time base for 50/100 ns/cm
+0.5A
0A
-0.25A
-1.0A
Figure 7 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
(Note 9)
(Note 10)
Figure 4
tRR


Similar Part No. - RS1MDFQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RS1MDF DIODES-RS1MDF Datasheet
434Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1MDF-13 DIODES-RS1MDF-13 Datasheet
434Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - RS1MDFQ-13

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SMA4933 TAITRON-SMA4933 Datasheet
258Kb / 5P
   1.0A Surface Mount Fast Recovery Rectifier
logo
Diodes Incorporated
DFLF1800 DIODES-DFLF1800_15 Datasheet
337Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Gaomi Xinghe Electronic...
RS1M GXELECTRONICS-RS1M Datasheet
190Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS1MSWFQ DIODES-RS1MSWFQ Datasheet
449Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DL4933 DIODES-DL4933 Datasheet
57Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15001 Rev. D-2
RS1B-13-F DIODES-RS1B-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1DB-13-F DIODES-RS1DB-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1GB-13 DIODES-RS1GB-13 Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1JDFQ DIODES-RS1JDFQ Datasheet
466Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1D-13-F DIODES-RS1D-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Daya Electric Group Co....
RS1A DAYA-RS1A Datasheet
52Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com