Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR02U100LPQ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR02U100LPQ
Description  0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR02U100LPQ Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR02U100LPQ Datasheet HTML 1Page - Diodes Incorporated SBR02U100LPQ Datasheet HTML 2Page - Diodes Incorporated SBR02U100LPQ Datasheet HTML 3Page - Diodes Incorporated SBR02U100LPQ Datasheet HTML 4Page - Diodes Incorporated SBR02U100LPQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SBR02U100LPQ
Document number: DS38511 Rev. 1 - 2
1 of 5
www.diodes.com
December 2015
© Diodes Incorporated
SBR02U100LPQ
0.2A SBR
SURFACE MOUNT SUPER BARRIER RECTIFIER
Product Summary
VR
(V)
IO
(A)
VF Max (V)
@ +25°C
IR Max (µA)
@ +25°C
100
0.25
0.8
1.0
Applications
Low Voltage Rectification
Blocking Diodes
AC-DC
DC-DC
Features and Benefits
Ultra Low Forward Voltage Drop
Superior Reverse Avalanche Capability
Patented Super Barrier Rectifier SBR
®
Technology
Soft, Fast Switching Capability
+150°C Operating Junction Temperature
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen a
nd Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: X1-DFN1006-2
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: Cathode Dot
Terminals: Finish - NiPdAu over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.001 grams (Approximate)
Ordering Information (Note 5)
Part Number
Case
Packaging
SBR02U100LPQ-7
X1-DFN1006-2
3,000/Tape & Reel
SBR02U100LPQ-7B
X1-DFN1006-2
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorpo
rated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Please refer to http://www.diodes.com/product_compliance_definitions.html.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html
Top View
Bottom View
X1-DFN1006-2
e4
SBR is a registered trademark of Diodes Incorporated.


Similar Part No. - SBR02U100LPQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR02U100LP DIODES-SBR02U100LP Datasheet
208Kb / 4P
   0.2A SBR짰 Surface Mount Super Barrier Rectifier
SBR02U100LP Rev. 4 ??2
SBR02U100LP DIODES-SBR02U100LP Datasheet
105Kb / 5P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR02U100LP-7 DIODES-SBR02U100LP-7 Datasheet
208Kb / 4P
   0.2A SBR짰 Surface Mount Super Barrier Rectifier
SBR02U100LP Rev. 4 ??2
SBR02U100LP-7 DIODES-SBR02U100LP-7 Datasheet
105Kb / 5P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR02U100LP-7 DIODES-SBR02U100LP-7 Datasheet
378Kb / 5P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
More results

Similar Description - SBR02U100LPQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR0240LP DIODES-SBR0240LP Datasheet
101Kb / 4P
   0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
DS31774 Rev. 3 - 2
SBR0240LP DIODES-SBR0240LP_16 Datasheet
349Kb / 5P
   0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR0240LPW DIODES-SBR0240LPW Datasheet
450Kb / 5P
   0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR02U30LP DIODES-SBR02U30LP Datasheet
102Kb / 4P
   0.2A SBR SUPER BARRIER RECTIFIER
DS31715 Rev. 2 - 2
SBR02M30LP DIODES-SBR02M30LP_16 Datasheet
436Kb / 5P
   0.2A SBR SUPER BARRIER RECTIFIER
SBR0220LP DIODES-SBR0220LP_16 Datasheet
367Kb / 5P
   0.2A SBR SUPER BARRIER RECTIFIER
SBR02U30LP DIODES-SBR02U30LP_16 Datasheet
337Kb / 5P
   0.2A SBR SUPER BARRIER RECTIFIER
SBR02U100LP DIODES-SBR02U100LP Datasheet
208Kb / 4P
   0.2A SBR짰 Surface Mount Super Barrier Rectifier
SBR02U100LP Rev. 4 ??2
SBR0240LP DIODES-SBR0240LP_15 Datasheet
101Kb / 4P
   SURFACE MOUNT SUPER BARRIER RECTIFIER 0.2A SBR짰
SBR2A30P1 DIODES-SBR2A30P1 Datasheet
306Kb / 4P
   2.0A SBR Surface Mount Super Barrier Rectifier
SBR2A30P1 Rev. 8 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com