Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6464XR46-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6464XR46-T
Description  Ultra-Low-Power Voltage Detectors and UP Supervisory Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6464XR46-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6464XR46-T Datasheet HTML 2Page - Maxim Integrated Products MAX6464XR46-T Datasheet HTML 3Page - Maxim Integrated Products MAX6464XR46-T Datasheet HTML 4Page - Maxim Integrated Products MAX6464XR46-T Datasheet HTML 5Page - Maxim Integrated Products MAX6464XR46-T Datasheet HTML 6Page - Maxim Integrated Products MAX6464XR46-T Datasheet HTML 7Page - Maxim Integrated Products MAX6464XR46-T Datasheet HTML 8Page - Maxim Integrated Products MAX6464XR46-T Datasheet HTML 9Page - Maxim Integrated Products MAX6464XR46-T Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Ultra-Low-Power Voltage Detectors and
µP Supervisory Circuits
8
_______________________________________________________________________________________
Table 1b. MAX6461–MAX6466 Upper Trip Threshold (VTH+) Voltage Options
VOLTAGE THRESHOLD, VTH+
TA = +25°CTA = -40°C to +125°C
SUFFIX
VTH+ (min)
VTH+ (typ)
VTH+ (max)
VTH+ (min)
VTH+ (max)
16
1.647
1.672
1.697
1.630
1.714
17
1.750
1.777
1.803
1.732
1.821
18
1.853
1.881
1.909
1.834
1.928
19
1.956
1.986
2.015
1.936
2.035
20
2.059
2.090
2.121
2.038
2.142
21
2.162
2.195
2.227
2.140
2.249
22
2.265
2.299
2.333
2.242
2.356
23
2.367
2.404
2.440
2.343
2.464
24
2.470
2.508
2.546
2.445
2.571
25
2.573
2.613
2.652
2.547
2.678
26
2.676
2.717
2.758
2.649
2.785
27
2.779
2.822
2.864
2.751
2.892
28
2.882
2.926
2.970
2.853
2.999
29
2.985
3.031
3.076
2.955
3.106
30
3.088
3.135
3.182
3.057
3.213
31
3.191
3.240
3.288
3.159
3.320
32
3.294
3.344
3.394
3.260
3.428
33
3.397
3.449
3.500
3.362
3.535
34
3.500
3.553
3.606
3.464
3.642
35
3.603
3.658
3.712
3.566
3.749
36
3.706
3.762
3.818
3.668
3.856
37
3.809
3.867
3.924
3.770
3.963
38
3.911
3.971
4.031
3.872
4.070
39
4.014
4.076
4.137
3.974
4.177
40
4.117
4.180
4.243
4.076
4.285
41
4.220
4.285
4.349
4.177
4.392
42
4.323
4.389
4.455
4.279
4.499
43
4.426
4.494
4.561
4.381
4.606
44
4.529
4.598
4.667
4.483
4.713
45
4.632
4.703
4.773
4.585
4.820
46
4.735
4.807
4.879
4.687
4.927
47
4.838
4.912
4.985
4.789
5.034
48
4.941
5.016
5.091
4.891
5.141
49
5.044
5.121
5.197
4.992
5.249
50
5.147
5.225
5.303
5.094
5.356
51
5.250
5.330
5.409
5.196
5.463
52
5.352
5.434
5.516
5.298
5.570
53
5.455
5.539
5.622
5.400
5.677
54
5.558
5.643
5.728
5.502
5.784
55
5.661
5.748
5.834
5.604
5.891


Similar Part No. - MAX6464XR46-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6464XR MAXIM-MAX6464XR Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
More results

Similar Description - MAX6464XR46-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6464UK45 MAXIM-MAX6464UK45 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6464UK31 MAXIM-MAX6464UK31 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6841 MAXIM-MAX6841 Datasheet
180Kb / 9P
   Ultra-Low-Voltage uP Reset Circuits and Voltage Detectors
Rev 1; 2/03
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
logo
ams AG
AS1904 AMSCO-AS1904_1 Datasheet
184Kb / 9P
   Ultra Low-Power uP Supervisory Circuit
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841_05 Datasheet
578Kb / 9P
   Ultra-Low-Voltage 關P Reset Circuits and Voltage Detectors
Rev 2; 12/05
logo
ams AG
AS1901 AMSCO-AS1901 Datasheet
76Kb / 9P
   Ultra Low-Power uP Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com