Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP4408G Datasheet(PDF) 9 Page - Micronas

Part # MSP4408G
Description  Multistandard Sound Processor
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4408G Datasheet(HTML) 9 Page - Micronas

Back Button MSP4408G Datasheet HTML 5Page - Micronas MSP4408G Datasheet HTML 6Page - Micronas MSP4408G Datasheet HTML 7Page - Micronas MSP4408G Datasheet HTML 8Page - Micronas MSP4408G Datasheet HTML 9Page - Micronas MSP4408G Datasheet HTML 10Page - Micronas MSP4408G Datasheet HTML 11Page - Micronas MSP4408G Datasheet HTML 12Page - Micronas MSP4408G Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
9
2.2. MSP 44x8G Sound IF Processing
2.2.1. Analog Sound IF Input
The input pins ANA_IN1+, ANA_IN2+, and ANA_IN
offer the possibility to connect two different sound IF
(SIF) sources to the MSP 44x8G. The preselected
sound IF signal is fed into an A/D-converter. An analog
automatic gain circuit (AGC) allows a wide range of
input levels. The highpass filters, formed by the cou-
pling capacitors at pins ANA_IN1+ and ANA_IN2+
(see Section 7.3. “Application Circuit” on page 83), are
sufficient in most cases to suppress video compo-
nents. Some combinations of SAW filters and sound IF
mixer ICs, however, show large picture components on
their outputs. In this case, further filtering is recom-
mended.
2.2.2. Demodulator: Standards and Features
The MSP 44x8G is able to demodulate all TV-sound
standards worldwide including the digital NICAM sys-
tem. Depending on the MSP 44x8G version, the fol-
lowing demodulation modes can be performed:
A2 Systems: Detection and demodulation of two sep-
arate FM carriers (FM1 and FM2), demodulation and
evaluation of the identification signal of carrier FM2.
NICAM Systems: (Only possible in the MSP 4418G
and MSP 4458G). Demodulation and decoding of the
NICAM carrier, detection and demodulation of the ana-
log FM or AM carrier. For D/K-NICAM, the FM carrier
may have a maximum deviation of 384 kHz.
Very high deviation FM-Mono: Detection and robust
demodulation of one FM carrier with a maximum devi-
ation of 540 kHz.
BTSC-Stereo: Detection and FM demodulation of the
aural carrier resulting in the MTS/MPX signal. Detec-
tion and evaluation of the pilot carrier, AM demodula-
tion of the (L
−R)-carrier and detection of the SAP sub-
carrier.
Processing
of
DBX
noise
reduction
or
Micronas Noise Reduction (MNR).
BTSC-Mono + SAP: Detection and FM demodulation
of the aural carrier resulting in the MTS/MPX signal.
Detection and evaluation of the pilot carrier, detection
and FM demodulation of the SAP subcarrier. Process-
ing of DBX noise reduction or Micronas Noise Reduc-
tion (MNR).
Japan Stereo: Detection and FM demodulation of the
aural carrier resulting in the MPX signal. Demodulation
and evaluation of the identification signal and FM
demodulation of the (L
−R)-carrier.
FM-Satellite Sound: Demodulation of one or two FM
carriers. Processing of high-deviation mono or narrow
bandwidth mono, stereo, or bilingual satellite sound
according to the ASTRA specification.
FM-Stereo-Radio: Detection and FM demodulation of
the aural carrier resulting in the MPX signal. Detection
and evaluation of the pilot carrier and AM demodula-
tion of the (L
−R)-carrier.
The demodulator blocks of all MSP 44x8G versions
have identical user interfaces. Even completely differ-
ent systems like the BTSC and NICAM systems are
controlled the same way. Standards are selected by
means of MSP Standard Codes. Automatic processes
handle standard detection and identification without
controller
interaction.
The
key
features
of
the
MSP 44x8G demodulator blocks are described below.
Standard Selection: The controlling of the demodula-
tor is minimized: All parameters, such as tuning fre-
quencies or filter bandwidth, are adjusted automati-
cally
by
transmitting
one
single
value
to
the
STANDARD SELECT register. For all standards, spe-
cific MSP standard codes are defined.
Automatic Standard Detection: If the TV sound stan-
dard is unknown, the MSP 44x8G can automatically
detect the actual standard, switch to that standard, and
respond the actual MSP standard code.
Automatic Carrier Mute: To prevent noise effects or
FM identification problems in the absence of an FM
carrier, the MSP 44x8G offers a carrier mute feature,
which is activated automatically if the standard is
selected by means of the STANDARD SELECT regis-
ter. If no FM carrier is available at one of the two MSP
demodulator channels, the corresponding demodula-
tor output is muted.
2.2.3. Preprocessing of Demodulator Signals
All demodulated signals must be processed by a
deemphasis filter and adjusted in level (analog signals
must also be dematrixed). The correct deemphasis fil-
ters are already selected by setting the standard in the
STANDARD SELECT register. The level adjustment
has to be done by means of the FM/AM and NICAM
prescale registers. The necessary dematrix function
depends on the selected sound standard and the
actual broadcasted sound mode (mono, stereo, or
bilingual). It can be manually set by the FM Matrix
Mode register or automatically set by the Automatic
Sound Selection.


Similar Part No. - MSP4408G

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSP4403W MORESEMI-MSP4403W Datasheet
456Kb / 6P
   -30V(D-S) P-Channel Enhancement Mode Power MOS FET
More results

Similar Description - MSP4408G

ManufacturerPart #DatasheetDescription
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
   Multistandard Sound Processor
MSP3400C MICRONAS-MSP3400C Datasheet
659Kb / 73P
   Multistandard Sound Processor
MSP3410G MICRONAS-MSP3410G Datasheet
1Mb / 106P
   Multistandard Sound Processor Family
MSP34X0G MICRONAS-MSP34X0G Datasheet
653Kb / 96P
   Multistandard Sound Processor Family
MSP34X7G MICRONAS-MSP34X7G Datasheet
1Mb / 81P
   Multistandard Sound Processor Family
MSP3438G MICRONAS-MSP3438G Datasheet
739Kb / 84P
   Multistandard Sound Processor Family
logo
List of Unclassifed Man...
MSP3430 ETC1-MSP3430 Datasheet
1Mb / 101P
   Multistandard Sound Processor Family
MSP34X5G ETC-MSP34X5G Datasheet
1Mb / 98P
   MSP 34x5G Multistandard Sound Processor Family
logo
STMicroelectronics
STV82X6 STMICROELECTRONICS-STV82X6 Datasheet
1Mb / 95P
   Multistandard TV Audio Processor and Digital Sound Demodulator
STV8206 STMICROELECTRONICS-STV8206 Datasheet
1Mb / 97P
   Multistandard TV Audio Processor and Digital Sound Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com