Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGPA500E Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EGPA500E
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EGPA500E Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EGPA500E Datasheet HTML 1Page - United Chemi-Con, Inc. EGPA500E Datasheet HTML 2Page - United Chemi-Con, Inc. EGPA500E Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Long life, Downsized, 125
GPA
Series
・Guaranteed short time at 150℃
・Downsized, low impedance and high-ripple current version of GXE
series
・Specified ESR after endurance test
・For high ripple current automotive applications.
(Direct fuel injection and electric power steering etc.)
・Endurance with ripple current : 3,000 to 5,000 hours at 125℃
・Solvent resistant type (see PRECAUTIONS AND GUIDELINES)
・RoHS Compliant
◆SPECIFICATIONS
Items
Characteristics
(at 20
℃, 120Hz)
(at 20
℃, 1 minute)
(at 20
℃, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tanδ)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance 1
Endurance 2
Shelf Life
-40 to +125
25 to 100Vdc
±20% (M)
I=0.03CV or 4
µA, whichever is greater.
Where, I : Max. leakage current (
µA), C : Nominal capacitance (µF), V : Rated voltage (V)
When nominal capacitance exceeds 1,000
µF, add 0.02 to the value above for each 1,000µF increase.
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated ripple
current is applied (the peak voltage shall not exceed the rated voltage) for 5,000 hours (3,000 hours for 25L and less) at 125
℃.
Capacitance change
≦±30% of the initial value
D.F. (tan
δ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the test condition that the rated voltage is
applied for 100 hours at 150
℃ and DC voltage with the rated ripple current is applied (the peak voltage shall not exceed the rated voltage)
for 4,500 hours (2,500 hours for 25L and less) at 125
℃.
Capacitance change
≦±30% of the initial value
D.F. (tan
δ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 125℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±30% of the initial value
D.F. (tan
δ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
Rated voltage (Vdc)
tan
δ(Max.)
Rated voltage (Vdc)
Z(-25
℃)/Z(+20℃)
Z(-40
℃)/Z(+20℃)
2
4
2
4
2
4
2
4
2
4
2
4
25V
35V
50V
63V
80V
100V
25V
35V
50V
63V
80V
100V
0.14
0.12
0.10
0.10
0.08
0.08
◆DIMENSIONS [mm]
Sleeve (PET : Brown)
L'
15min.
4min.
Vent
φD
φd
F
φD'
L'
12.5
  14.5  16   18
0.6
  0.8   0.8
0.8
5.0
7.5
7.5
7.5
φD+0.5max.
L+1.5max.
Gas escape end seal
Terminal Code : E
◆PART NUMBERING SYSTEM
Please refer to "Product code guide (radial lead type)"
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 470
µF:471, 1,000µF:102)
Lead forming·taping code
Terminal code
Voltage code (ex. 25V:250, 50V:500)
Series code
Category
E G P A A A A E A A A A A
A A A S
M
8
1
15 16 17
14
18
11 12 13
5
6
7
2
3
4
9
10
Upgrade!
Higher temperature
Downsized
Higher ripple current
GPA
LXZ
P158
P189
GXE
186
CAT. No. E1001N
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EGPA500E

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
EGPA500E NPC-EGPA500E Datasheet
90Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EGPA500E CHEMI-CON-EGPA500E Datasheet
428Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EGPA500E CHEMI-CON-EGPA500E Datasheet
428Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EGPA500E CHEMI-CON-EGPA500E Datasheet
428Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EGPA500ELL471MK20S CHEMI-CON-EGPA500ELL471MK20S Datasheet
90Kb / 3P
   Long life, Downsized, 125?
More results

Similar Description - EGPA500E

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com