Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320C6712GLS100 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP320C6712GLS100
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6712GLS100 Datasheet(HTML) 4 Page - Texas Instruments

  TMP320C6712GLS100 Datasheet HTML 1Page - Texas Instruments TMP320C6712GLS100 Datasheet HTML 2Page - Texas Instruments TMP320C6712GLS100 Datasheet HTML 3Page - Texas Instruments TMP320C6712GLS100 Datasheet HTML 4Page - Texas Instruments TMP320C6712GLS100 Datasheet HTML 5Page - Texas Instruments TMP320C6712GLS100 Datasheet HTML 6Page - Texas Instruments TMP320C6712GLS100 Datasheet HTML 7Page - Texas Instruments TMP320C6712GLS100 Datasheet HTML 8Page - Texas Instruments TMP320C6712GLS100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
TMS320C6205
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS106E − OCTOBER 1999 − REVISED MARCH 2004
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description
The TMS320C62x DSPs (including the TMS320C6205 device) compose the fixed-point DSP generation in
the TMS320C6000 DSP platform. The TMS320C6205 (C6205) device is based on the high-performance,
advanced VelociTI very-long-instruction-word (VLIW) architecture developed by Texas Instruments (TI),
making the C6205 an excellent choice for multichannel and multifunction applications.
With performance of up to 1600 million instructions per second (MIPS) at a clock rate of 200 MHz, the C6205
offers cost-effective solutions to high-performance DSP-programming challenges. The C6205 DSP possesses
the operational flexibility of high-speed controllers and the numerical capability of array processors. This
processor has 32 general-purpose registers of 32-bit word length and eight highly independent functional units.
The eight functional units provide six arithmetic logic units (ALUs) for a high degree of parallelism and two 16-bit
multipliers for a 32-bit result. The C6205 can produce two multiply-accumulates (MACs) per cycle for a total of
400 million MACs per second (MMACS). The C6205 DSP also has application-specific hardware logic, on-chip
memory, and additional on-chip peripherals.
The C6205 includes a large bank of on-chip memory and has a powerful and diverse set of peripherals. Program
memory consists of a 64K-byte block that is user-configurable as cache or memory-mapped program space.
Data memory consists of two 32K-byte blocks of RAM. The peripheral set includes two multichannel buffered
serial ports (McBSPs), two general-purpose timers, a peripheral component interconnect (PCI) module that
supports 33-MHz master/slave interface and 4-wire serial EEPROM interface, and a glueless external memory
interface (EMIF) capable of interfacing to SDRAM or SBSRAM and asynchronous peripherals.
The C6205 has a complete set of development tools which includes: a new C compiler, an assembly optimizer
to simplify programming and scheduling, and a Windows debugger interface for visibility into source code
execution.
TMS320C6000 is a trademark of Texas Instruments.
Windows is a registered trademark of Microsoft Corporation.


Similar Part No. - TMP320C6712GLS100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP320C6713BGDP167 TI-TMP320C6713BGDP167 Datasheet
2Mb / 153P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMP320C6713BGDP200 TI-TMP320C6713BGDP200 Datasheet
2Mb / 153P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMP320C6713BGDP20EP TI-TMP320C6713BGDP20EP Datasheet
1Mb / 131P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMP320C6713BGDP225 TI-TMP320C6713BGDP225 Datasheet
2Mb / 153P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMP320C6713BGDP300 TI-TMP320C6713BGDP300 Datasheet
2Mb / 153P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMP320C6712GLS100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com