Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECHA401VSN151MP35S Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # ECHA401VSN151MP35S
Description  LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ECHA401VSN151MP35S Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  ECHA401VSN151MP35S Datasheet HTML 1Page - United Chemi-Con, Inc. ECHA401VSN151MP35S Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Overvoltage resistant design, 105
CHA
Series
◆STANDARD RATINGS
WV
(Vdc)
(Vdc)
Cap
(
µF)
Case size
φD×L(mm)
φD×L(mm)
tanδ
Rated ripple
current
(Arms/
105
℃,120Hz)
Part No.
200
180
22×20
0.15
0.82
ECHA201VSN181MP20S
220
22×20
0.15
0.90
ECHA201VSN221MP20S
270
22×25
0.15
1.02
ECHA201VSN271MP25S
330
22×30
0.15
1.20
ECHA201VSN331MP30S
330
25.4×25
0.15
1.20
ECHA201VSN331MQ25S
390
22×30
0.15
1.35
ECHA201VSN391MP30S
390
25.4×25
0.15
1.35
ECHA201VSN391MQ25S
470
22×35
0.15
1.45
ECHA201VSN471MP35S
470
25.4×30
0.15
1.45
ECHA201VSN471MQ30S
470
30×25
0.15
1.47
ECHA201VSN471MR25S
560
22×40
0.15
1.62
ECHA201VSN561MP40S
560
25.4×30
0.15
1.60
ECHA201VSN561MQ30S
560
30×25
0.15
1.60
ECHA201VSN561MR25S
680
25.4×35
0.15
1.82
ECHA201VSN681MQ35S
680
30×30
0.15
1.81
ECHA201VSN681MR30S
680
35×25
0.20
1.86
ECHA201VSN681MA25S
820
25.4×45
0.15
2.11
ECHA201VSN821MQ45S
820
30×35
0.15
2.11
ECHA201VSN821MR35S
820
35×25
0.20
2.11
ECHA201VSN821MA25S
1,000
30×35
0.15
2.40
ECHA201VSN102MR35S
1,000
35×30
0.20
2.40
ECHA201VSN102MA30S
1,200
30×45
0.15
2.69
ECHA201VSN122MR45S
1,200
35×35
0.20
2.65
ECHA201VSN122MA35S
250
120
22×20
0.15
0.68
ECHA251VSN121MP20S
180
22×25
0.15
0.87
ECHA251VSN181MP25S
180
25.4×20
0.15
0.93
ECHA251VSN181MQ20S
220
22×30
0.15
1.00
ECHA251VSN221MP30S
270
22×35
0.15
1.14
ECHA251VSN271MP35S
270
25.4×25
0.15
1.13
ECHA251VSN271MQ25S
270
30×20
0.15
1.25
ECHA251VSN271MR20S
330
22×40
0.15
1.28
ECHA251VSN331MP40S
330
25.4×30
0.15
1.29
ECHA251VSN331MQ30S
390
22×45
0.15
1.42
ECHA251VSN391MP45S
390
25.4
×35
0.15
1.46
ECHA251VSN391MQ35S
390
30×25
0.15
1.52
ECHA251VSN391MR25S
390
35×20
0.20
1.62
ECHA251VSN391MA20S
470
25.4×40
0.15
1.64
ECHA251VSN471MQ40S
470
30×30
0.15
1.67
ECHA251VSN471MR30S
560
25.4×45
0.15
1.82
ECHA251VSN561MQ45S
560
30×35
0.15
1.87
ECHA251VSN561MR35S
560
35×25
0.20
1.99
ECHA251VSN561MA25S
WV
Cap
Case size
Rated ripple
current
(Arms/
105
℃,120Hz)
Part No.
250
680
30×40
0.15
2.12
ECHA251VSN681MR40S
680
35×30
0.20
2.19
ECHA251VSN681MA30S
820
30×45
0.15
2.39
ECHA251VSN821MR45S
820
35×35
0.20
2.42
ECHA251VSN821MA35S
400
56
22×20
0.15
0.45
ECHA401VSN560MP20S
68
22×20
0.15
0.51
ECHA401VSN680MP20S
82
22×25
0.15
0.58
ECHA401VSN820MP25S
100
22×25
0.15
0.66
ECHA401VSN101MP25S
100
25.4×25
0.15
0.66
ECHA401VSN101MQ25S
120
22×30
0.15
0.76
ECHA401VSN121MP30S
120
25.4×25
0.15
0.76
ECHA401VSN121MQ25S
150
22×35
0.15
0.85
ECHA401VSN151MP35S
150
25.4×30
0.15
0.85
ECHA401VSN151MQ30S
150
30×25
0.15
0.85
ECHA401VSN151MR25S
180
22×40
0.15
0.94
ECHA401VSN181MP40S
180
25.4×35
0.15
0.95
ECHA401VSN181MQ35S
180
30×25
0.15
0.95
ECHA401VSN181MR25S
220
25.4×35
0.15
1.24
ECHA401VSN221MQ35S
220
30×30
0.15
1.24
ECHA401VSN221MR30S
220
35×25
0.15
1.24
ECHA401VSN221MA25S
270
25.4×45
0.15
1.30
ECHA401VSN271MQ45S
270
30×35
0.15
1.30
ECHA401VSN271MR35S
270
35×25
0.15
1.30
ECHA401VSN271MA25S
330
30×35
0.15
1.45
ECHA401VSN331MR35S
330
30×40
0.15
1.47
ECHA401VSN331MR40S
330
35×30
0.15
1.47
ECHA401VSN331MA30S
450
82
25.4×25
0.20
0.61
ECHA451VSN820MQ25S
120
25.4×30
0.20
0.76
ECHA451VSN121MQ30S
120
30×25
0.20
0.77
ECHA451VSN121MR25S
150
25.4×35
0.20
0.88
ECHA451VSN151MQ35S
180
25.4×40
0.20
0.99
ECHA451VSN181MQ40S
180
30×30
0.20
0.97
ECHA451VSN181MR30S
180
30×35
0.20
1.00
ECHA451VSN181MR35S
220
30×35
0.20
1.30
ECHA451VSN221MR35S
220
35×25
0.20
1.20
ECHA451VSN221MA25S
270
30×40
0.20
1.28
ECHA451VSN271MR40S
270
35×30
0.20
1.30
ECHA451VSN271MA30S
330
35×35
0.20
1.40
ECHA451VSN331MA35S
390
35×40
0.20
1.60
ECHA451VSN391MA40S
420
35×50
0.20
1.56
ECHA451VSN421MA50S
(
µF)
tanδ
◆DC OVERVOLTAGE TEST CONDITIONS
The vent will operate and the capacitor shall become an open circuit without burning materials
when the following test DC voltage is applied.
Test DC voltage
Rated Voltage
200Vdc
250Vdc
400Vdc
450Vdc
Nominal Capacitance
<330µF
330
µF≦C
<470µF
330
µF≦C
<470µF
100
µF≦C
<220µF
100
µF≦C
<220µF
≧470µF
≧470µF
≧220µF
≧220µF
<330µF
<100µF
<100µF
Current Limit
4A
5A
7A
4A
5A
7A
2A
4A
7A
2A
4A
7A
Test Voltage
300/375Vdc
350/450Vdc
500/600Vdc
550/675Vdc
Test Circuit
AC input
SW
CX
+
-
Constant DC voltage/current power supply
256
CAT. No. E1001N
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - ECHA401VSN151MP35S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ECHA401VSN151MP35S CHEMI-CON-ECHA401VSN151MP35S Datasheet
42Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ECHA401VSN151MP35S CHEMI-CON-ECHA401VSN151MP35S Datasheet
363Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ECHA401VSN151MP35S CHEMI-CON-ECHA401VSN151MP35S Datasheet
363Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - ECHA401VSN151MP35S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELXS161VSN471MP25S ETC2-ELXS161VSN471MP25S Datasheet
278Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMQ ETC2-SMQ Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMH ETC2-SMH Datasheet
95Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ECHA201VSN181MP20S CHEMI-CON-ECHA201VSN181MP20S Datasheet
42Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ELXM161VSN331MP25S CHEMI-CON-ELXM161VSN331MP25S Datasheet
67Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ELXS501VSN391MA50S NPC-ELXS501VSN391MA50S Datasheet
426Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EKMQ161VSN471MP25S CHEMI-CON-EKMQ161VSN471MP25S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ERLA181LIN901KR35M NPC-ERLA181LIN901KR35M Datasheet
328Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ESMR401VSN151MP25S CHEMI-CON-ESMR401VSN151MP25S Datasheet
261Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ETXH201VSN561MR30S CHEMI-CON-ETXH201VSN561MR30S Datasheet
256Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
EKMW401VSN151MP25S ETC2-EKMW401VSN151MP25S Datasheet
260Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com