Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECHA401VSN151MQ30S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # ECHA401VSN151MQ30S
Description  LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ECHA401VSN151MQ30S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  ECHA401VSN151MQ30S Datasheet HTML 1Page - United Chemi-Con, Inc. ECHA401VSN151MQ30S Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Overvoltage resistant design, 105
CHA
Series
・Doesn't spark with DC over voltage
・Downsized from current KLG series
・Endurance with ripple current : 2,000 hours at 105℃
・Non solvent resistant type
・RoHS Compliant
◆SPECIFICATIONS
(at 20
℃, 120Hz)
(at 20
℃ after 5 minutes)
(at 20
℃, 120Hz)
(at 120Hz)
(at 20
℃, 1MHz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tan
δ)
Low Temperature
Characteristics
(Max.Impedance Ratio)
ESL
Endurance
Shelf Life
Items
-25 to +105
200 to 450Vdc
±20% (M)
I
≦3 CV
Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (Vdc)
200Vdc : 0.15 max. (0.20 max. for
φD=35mm)
400Vdc : 0.15 max.
Rated Voltage (Vdc)
Z(-25
℃) / Z(+20℃)
50nH max.
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
ripple current is applied (the peak voltage shall not exceed the rated voltage) for 2,000 hours at 105
℃.
Capacitance change
≦±20% of the initial value
D.F. (tan
δ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±15% of the initial value
D.F. (tan
δ)
≦150% of the initial specified value
Leakage current
≦The initial specified value
Characteristics
200 to 450V
4
◆DIMENSIONS [mm]
Terminal Code : VS (
φ22 toφ35)
4.0
±0.5
Vent
Sleeve (PET : Brown)
L
±2
Negative mark
PC board pin-out
2-
φ2
The standard design has no plastic disc.
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 56µF:560,100µF:101)
Dummy terminal code
Terminal code
Voltage code (ex. 200V:201,400V:401)
Series code
Category
E C H A
V S N
S
M
1
3
4
2
6
7
8
9
10
13
12
5
18
17
16
11
15
14
Please refer to "Product code guide (snap-in type)"
◆RATED RIPPLE CURRENT MULTIPLIERS
Frequency(Hz)
Rated Voltage(Vdc)
50
120
300
1k
10k
50k
200, 250
0.81
1.00
1.17
1.32
1.45
1.50
400, 450
0.77
1.00
1.16
1.30
1.41
1.43
・Frequency Multipliers
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
Downsized
Downsized
Longer life
CHA
KLG
LXH P257
255
CAT. No. E1001N
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - ECHA401VSN151MQ30S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ECHA401VSN151MQ30S CHEMI-CON-ECHA401VSN151MQ30S Datasheet
42Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ECHA401VSN151MQ30S CHEMI-CON-ECHA401VSN151MQ30S Datasheet
363Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ECHA401VSN151MQ30S CHEMI-CON-ECHA401VSN151MQ30S Datasheet
363Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - ECHA401VSN151MQ30S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELXS161VSN471MP25S ETC2-ELXS161VSN471MP25S Datasheet
278Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMQ ETC2-SMQ Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMH ETC2-SMH Datasheet
95Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ECHA201VSN181MP20S CHEMI-CON-ECHA201VSN181MP20S Datasheet
42Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ELXM161VSN331MP25S CHEMI-CON-ELXM161VSN331MP25S Datasheet
67Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ELXS501VSN391MA50S NPC-ELXS501VSN391MA50S Datasheet
426Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EKMQ161VSN471MP25S CHEMI-CON-EKMQ161VSN471MP25S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ERLA181LIN901KR35M NPC-ERLA181LIN901KR35M Datasheet
328Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ESMR401VSN151MP25S CHEMI-CON-ESMR401VSN151MP25S Datasheet
261Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ETXH201VSN561MR30S CHEMI-CON-ETXH201VSN561MR30S Datasheet
256Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
EKMW401VSN151MP25S ETC2-EKMW401VSN151MP25S Datasheet
260Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com