Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP303LSN44T1G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP303LSN44T1G
Description  Voltage Detector Series with Programmable Delay
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP303LSN44T1G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP303LSN44T1G Datasheet HTML 7Page - ON Semiconductor NCP303LSN44T1G Datasheet HTML 8Page - ON Semiconductor NCP303LSN44T1G Datasheet HTML 9Page - ON Semiconductor NCP303LSN44T1G Datasheet HTML 10Page - ON Semiconductor NCP303LSN44T1G Datasheet HTML 11Page - ON Semiconductor NCP303LSN44T1G Datasheet HTML 12Page - ON Semiconductor NCP303LSN44T1G Datasheet HTML 13Page - ON Semiconductor NCP303LSN44T1G Datasheet HTML 14Page - ON Semiconductor NCP303LSN44T1G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
NCP302, NCP303
http://onsemi.com
11
−50
4.9
TA, AMBIENT TEMPERATURE (°C)
4.8
4.7
4.6
4.4
−25
0
25
50
75
100
4.5
4.3
3.00
−50
0.98
TA, AMBIENT TEMPERATURE (°C)
2.90
0.96
2.80
0.94
2.70
0.92
2.60
0.88
−25
0
25
50
75
100
0.90
0.86
−50
−25
0
25
50
75
100
TA, AMBIENT TEMPERATURE (°C)
2.65
2.75
2.85
2.95
VDET+
−50
0.9
0.8
0.7
0.6
0.4
−25
0
25
50
75
100
0.5
0.3
TA, AMBIENT TEMPERATURE (°C)
−50
2.3
2.2
2.1
1.9
−25
0
25
50
75
100
2.0
1.8
TA, AMBIENT TEMPERATURE (°C)
−50
3.3
3.2
3.1
3.0
2.8
−25
0
25
50
75
100
2.9
2.7
TA, AMBIENT TEMPERATURE (°C)
Figure 3. NCP302/3 Series 0.9 V
Detector Threshold Voltage vs. Temperature
Figure 4. NCP302/3 Series 2.7 V
Detector Threshold Voltage vs. Temperature
Figure 5. NCP302/3 Series 4.5 V
Detector Threshold Voltage vs. Temperature
Figure 6. NCP302/3 Series 0.9 V
CD Delay Pin Threshold Voltage vs. Temperature
Figure 7. NCP302/3 Series 2.7 V
CD Delay Pin Threshold Voltage vs. Temperature
Figure 8. NCP302/3 Series 4.5 V
CD Delay Pin Threshold Voltage vs. Temperature
VDET+
VDET−
VDET−
VDET+
VDET−
Vin = 0.99 V
Vin = 2.97 V
Vin = 4.95 V


Similar Part No. - NCP303LSN44T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP303LSN44T1G ONSEMI-NCP303LSN44T1G Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
NCP303LSN44T1G ONSEMI-NCP303LSN44T1G Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
More results

Similar Description - NCP303LSN44T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SCY99091FCT2G ONSEMI-SCY99091FCT2G Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
NCP302 ONSEMI-NCP302_06 Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
logo
Semtech Corporation
SC1437 SEMTECH-SC1437 Datasheet
93Kb / 8P
   Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
   VOLTAGE DETECTOR with Delay Function
logo
ELM Electronics
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
ELM Technology Corporat...
ELM76 ELM-TECH-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com