Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBA230CH_R2_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SBA230CH_R2_00001
Description  EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SBA230CH_R2_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SBA230CH_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. SBA230CH_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. SBA230CH_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. SBA230CH_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc. SBA230CH_R2_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PSBA220CH SERIES
June 6,2016-REV.00
Page 1
EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
Voltage
20~40 V
Current
2 A
SOD-323HE
Unit: inch(mm)
Features
 Ultra low forward voltage drop, low power loss
 Fast switching speed
 Surface mount package
 Ultra thin profile package for space constrained utilization
 Lead free in compliance with EU RoHS 2011/65/EU directive
 Green molding compound as per IEC61249 Std. . (Halogen Free)
Applications
Low voltage rectification
 Reverse polarity protection
 Low power consumption applications
Mechanical Data
 Case: Molded plastic, SOD-323HE
 Terminals: Solderable per MIL-STD-750, Method 2026
 Approx. Weight: 0.0002 ounces, 0.005 grams
Note : 1. Mounted on a FR4 PCB, single-sided copper, with 100cm² copper pad area.
2. Mounted on a FR4 PCB, single-sided copper, mini pad.
Maximum Ratings And Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
SBA220CH
SBA230CH
SBA240CH
UNIT
Maximum repetitive peak reverse voltage
VRRM
20
30
40
V
Maximum rms voltage
VRMS
14
21
28
V
Maximum dc blocking voltage
VR
20
30
40
V
Maximum average forward rectified current
IF(AV)
2
A
Peak forward surge current : 8.3ms single half sine-
wave superimposed on rated load
IFSM
20
A
Typical forward voltage at 10mA
VF
0.21
0.21
0.22
V
Typical forward voltage at 0.5A
VF
0.33
0.34
0.37
V
Maximum forward voltage at 2A
VF
0.46
0.49
0.53
V
Maximum dc reverse current at TJ=25
oC
IR
100
A
Typical thermal resistance
(Note 1)
(Note 2)
RθJC
RθJA
50
300
oC/W
Operating junction temperature range
TJ
-55 to +150
oC
Storage temperature range
TSTG
-55 to +150
oC


Similar Part No. - SBA230CH_R2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBA230AH-AU PANJIT-SBA230AH-AU Datasheet
190Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
January 16,2019-REV.01
SBA230AH-AU_R1_000A1 PANJIT-SBA230AH-AU_R1_000A1 Datasheet
190Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
January 16,2019-REV.01
SBA230AL_R1_00001 PANJIT-SBA230AL_R1_00001 Datasheet
287Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBA230AL_R2_00001 PANJIT-SBA230AL_R2_00001 Datasheet
287Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - SBA230CH_R2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SVT12150UB PANJIT-SVT12150UB_16 Datasheet
400Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT15100UB PANJIT-SVT15100UB_16 Datasheet
400Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT15120U PANJIT-SVT15120U_16 Datasheet
399Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SBT40100UDC PANJIT-SBT40100UDC Datasheet
276Kb / 4P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT2080UA PANJIT-SVT2080UA Datasheet
256Kb / 4P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT20150U PANJIT-SVT20150U_16 Datasheet
399Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SRT5100UF PANJIT-SRT5100UF_16 Datasheet
261Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVM860U PANJIT-SVM860U_16 Datasheet
285Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SBT30100UFYT PANJIT-SBT30100UFYT Datasheet
282Kb / 5P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SRT880XF PANJIT-SRT880XF_16 Datasheet
364Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT20120U PANJIT-SVT20120U Datasheet
227Kb / 5P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com